Electronic Components Datasheet Search
  English  ▼

X  

MC34708 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 23Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 25Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 26Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 27Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 28Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 29Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 30Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 159 page
background image
Analog Integrated Circuit Device Data
27
Freescale Semiconductor
MC34708
Functional Block Description
7.3.2
SRTC Support
When configured for DRM mode (SPI bit DRM = 1), the CLK32KMCU driver will be kept enabled through all operational states
to ensure that the SRTC module always has its reference clock. If DRM = 0, the CLK32KMCU driver will not be maintained in the
Off state.
It is also necessary to provide a means for the processor to do an RTC initiated wake-up of the system if it has been programmed
for such capability. This can be accomplished by connecting an open drain NMOS driver to the PWRON pin of the MC34708
PMIC, so that it is in effect, a parallel path for the power key. The MC34708 PMIC will not be able to discern the turn on event
from a normal power key initiated turn on, but the processor should have the knowledge, since the RTC initiated turn on is
generated locally.
Table 15. Oscillator and Clock Main Electrical Specifications
Characteristics noted under conditions BP = 3.6 V, VBUS = 5.0 V, -40 C  TA  85 C, unless otherwise noted. Typical values
at BP = 3.6 V and TA = 25 °C under nominal conditions, unless otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes
OSCILLATOR AND CLOCK OUTPUT
VINRTC
Operating Voltage
• Oscillator and RTC Block from BP
• Oscillator and RTC Block from LICELL
1.8
1.8
-
-
4.5
3.6
V
IINRTC
Operating Current Crystal Oscillator and RTC Module
• All blocks disabled, no main battery attached, coin cell is attached
to LICELL
-
2.0
5.0
A
tSTART-RTC RTC oscillator startup time
• Upon application of power
-
-
1.0
sec
VRTCLO
Output Low
• CLK32K Output sink 100
A
• CLK32KMCU Output source 50
A
0.0
-
0.2
V
VRTCHI
Output High
• CLK32K Output source 100
A
• CLK32KMCU Output sink 50
A
CLK32K
VCC -0.2
VSRTC-0.2
-
CLK32K
VCC
VSRTC
V
tCLK32KET CLK32K Rise and Fall Time, CL = 50 pF
• CLK32KDRV [1:0] = 00
• CLK32KDRV [1:0] = 01 (default)
• CLK32KDRV [1:0] = 10
• CLK32KDRV [1:0] = 11
-
-
-
-
6.0
2.5
3.0
2.0
-
-
-
-
ns
tCKL32K
MCUET
CLK32KMCU Rise and Fall Time
•CL = 12 pF
-
22
-
ns
CLK32KDC/
CLK32K
MCUDC
CLK32K and CLK32KMCU Output Duty Cycle
• Crystal on XTAL1, XTAL2 pins
45
-
55
%
RMS Output Jitter
• 1 Sigma for Gaussian distribution
-
-
30
ns
RMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com