Electronic Components Datasheet Search
  English  ▼

X  

MC34708 Datasheet(PDF) 58 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 54Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 55Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 56Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 57Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 58Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 59Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 60Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 61Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 62Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
58
MC34708
Functional Block Description
Table 45. SW4A/B Output Voltage Programmability
Set Point
SW4x[4:0]
SW4x
Output (V)
Set Point SW4x[4:0]
SW4x
Output (V)
0
00000
1.2000
16
10000
1.6000
1
00001
1.2250
17
10001
1.6250
2
00010
1.2500
18
10010
1.6500
3
00011
1.2750
19
10011
1.6750
4
00100
1.3000
20
10100
1.7000
5
00101
1.3250
21
10101
1.7250
6
00110
1.3500
22
10110
1.7500
7
00111
1.3750
23
10111
1.7750
8
01000
1.4000
24
11000
1.8000
9
01001
1.4250
25
11001
1.8250
10
01010
1.4500
26
11010
1.8500
11
01011
1.4750
-
-
-
12
01100
1.5000
-
-
-
13
01101
1.5250
-
-
-
14
01110
1.5500
-
-
-
15
01111
1.5750
-
-
-
Table 46. SW4A/B Electrical Specifications
Characteristics noted under conditions BP = 3.6 V, VBUS = 5.0 V, -40 C  TA  85 C, unless otherwise noted. Typical values
at BP = 3.6 V and TA = 25 °C under nominal conditions, unless otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes
SW4A/B Buck Regulator
VSW4IN
Operating Input Voltage
• PWM operation, 0 < IL < IMAX
• PFM operation, 0 < IL < ILMAX
3.0
2.8
-
-
4.5
4.5
V
(51)
VSW4ACC
Output Voltage Accuracy
• PWM mode including ripple, load regulation, and transients
• PFM Mode, including ripple, load regulation, and transients
Nom-3%
Nom-3%
Nom
Nom
Nom+3%
Nom+3%
mV
(50)
ISW4
Continuous Output Load Current, VINMIN < BP < 4.5 V
• PWM mode (separate)
• PWM mode single/dual phase
• PFM mode
-
-
-
-
-
50
500
1000
-
mA
ISW4PEAK
Current Limiter Peak Current Detection
•VIN = 3.6 V Current through Inductor (separate)
• Current through Inductor
-
-
1.0
2.0
-
-
A
iSW4
TRANSIENT
Transient Load Change, 100 mA/µs
• Single/Dual Phase
• Separate
-
-
-
-
500
250
mA
VSW4OS-
START
Start-up Overshoot, IL = 100 mA/µs
-
-
25
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com