Electronic Components Datasheet Search
  English  ▼

X  

MC34708 Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 27Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 28Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 29Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 30Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 31Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 32Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 33Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 34Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 159 page
background image
Analog Integrated Circuit Device Data
31
Freescale Semiconductor
MC34708
Functional Block Description
7.4
Interrupt Management
7.4.1
Control
The system is informed about important events, based on interrupts. Unmasked interrupt events are signaled to the processor
by driving the INT pin high; this is true whether the communication interface is configured for SPI or I2C.
Each interrupt is latched so that even if the interrupt source becomes inactive, the interrupt will remain set until cleared. Each
interrupt can be cleared by writing a 1 to the appropriate bit in the Interrupt Status register, which will also cause the interrupt line
to go low. If a new interrupt occurs while the processor clears an existing interrupt bit, the interrupt line will remain high.
Each interrupt can be masked by setting the corresponding mask bit to a 1. As a result, when a masked interrupt bit goes high,
the interrupt line will not go high. A masked interrupt can still be read from the Interrupt Status register. This gives the processor
the option of polling for status from the IC. The IC powers up with all interrupts masked, so the processor must initially poll the
device to determine if any interrupts are active. Alternatively, the processor can unmask the interrupt bits of interest. If a masked
interrupt bit was already high, the interrupt line will go high after unmasking.
The sense registers contain status and input sense bits, so the system processor can poll the current state of interrupt sources.
They are read only, and not latched or clearable.
Interrupts generated by external events are debounced. Therefore, the event needs to be stable throughout the debounce period
before an interrupt is generated. Nominal debounce periods for each event are documented in the INT summary table following
later in this section. Due to the asynchronous nature of the debounce timer, the effective debounce time can vary slightly.
Table 19. Coin Cell Voltage Specifications
VCOIN[2:0]
Output Voltage
000
2.50
001
2.70
010
2.80
011
2.90
100
3.00
101
3.10
110
3.20
111
3.30
Table 20. Coin Cell Electrical Specifications
Characteristics noted under conditions BP = 3.6 V, VBUS = 5.0 V, -40 C  TA  85 C, unless otherwise noted. Typical values
at BP = 3.6 V and TA = 25 °C under nominal conditions, unless otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes
COIN CELL CHARGER
VLICELLACC Voltage Accuracy
-
100
-
mV
ILICELLON
Coin Cell Charge Current in On and Watchdog modes ICOINHI
-
60
-
A
ILICELLOFF Coin Cell Charge Current in Off, cold start/warm start, and Low Power Off
modes (User Off / Memory Hold) ICOINLO
-
10
-
A
ILICELACC
Current Accuracy
-
30
-
%
COLICELL
LICELL Bypass Capacitor
-
100
-
nF
LICELL Bypass Capacitor as coin cell replacement
-
4.7
-
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com