Electronic Components Datasheet Search
  English  ▼

X  

MC34708 Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 66Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 67Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 68Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 69Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 70Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 71Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 72Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 73Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
70
MC34708
Functional Block Description
7.5.6.7
VUSB2
VUSB2 has an internal PMOS pass FET which will support loads up to 65 mA. To support load currents an external PNP is
provided. The external PNP configuration is offered to avoid excess on-chip power dissipation at high loads and large differentials
between BP and output settings. For lower current requirements, an integrated PMOS pass FET is included. The input pin for
the integrated PMOS option is shared with the base current drive pin for the PNP option. The external PNP configuration must
be committed as a hardwired board level implementation. The recommended PNP device is the ON Semiconductor™
NSS12100XV6T1G, which is capable of handling up to 250 mW of continuous dissipation, at minimum footprint and 75 °C of
ambient. For use cases where up to 500 mW of dissipation is required, the recommended PNP device is ON Semiconductor
NSS12100UW3TCG. For stability reasons, a small minimum ESR may be required.
A short-circuit condition will shut down the VUSB2 regulator and generate an interrupt for SCPI.
The nominal output voltage of this regulator is SPI configurable, and can be 2.5 V, 2.6 V, 2.75 V, or 3.0 V. The output current
when working with the internal pass FET is 65 mA, and could be up to 350 mA when working with an external PNP.
VREFDDRL
TRANSIENT
Transient Load Response
•VIN = VINMIN, VINMAX
-
5.0
-
mV
Notes
58.
guaranteed at 25 °C only
Table 59. VUSB2 Voltage Control
Parameter Value
Output
Voltage
ILoad max
VUSB2CONFIG = 0
Internal Pass FET
VUSB2CONFIG = 1
External PNP
VUSB2[1:0]
00
2.5 V
65 mA
350 mA
01
2.6 V
65 mA
350 mA
10
2.75 V
65 mA
350 mA
11
3.00 V
65 mA
350 mA
Table 60. VUSB2 Electrical Specification
Characteristics noted under conditions BP = 3.6 V, VBUS = 5.0 V, -40 C  TA  85 C, unless otherwise noted. Typical values
at BP = 3.6 V and TA = 25 °C under nominal conditions, unless otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes
GENERAL
VUSB2IN
Operating Input Voltage Range VINMIN to VINMAX
VNOM +
0.25
-
4.5
V
IUSB2
Operating Current Load Range ILMIN to ILMAX
• Internal pass FET
• External PNP Not exceeding PNP max power
0.0
0.0
-
-
65
350
mA
VUSB2IN
Extended Input Voltage Range
• Performance may be out of specification
UVDET
-
4.5
V
VUSB2 ACTIVE MODE - DC
VUSB2
Output Voltage VOUT
•VINMIN < VIN < VINMAX ILMIN < IL < ILMAX
VNOM - 3%
VNOM
VNOM + 3%
V
Table 58. VREFDDR Electrical Specification
Characteristics noted under conditions BP = 3.6 V, VBUS = 5.0 V, -40 C  TA  85 C, unless otherwise noted. Typical values
at BP = 3.6 V and TA = 25 °C under nominal conditions, unless otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com