Electronic Components Datasheet Search
  English  ▼

X  

MC34708 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 42Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 43Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 44Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 45Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 46Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 47Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 48Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 49Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
46
MC34708
Functional Block Description
In normal steady state operating mode, the SW1xPWGD pin is high. When the buck charger set point is changed to a higher or
lower set point, the SW1xPWGD pin will go low and will go high again when the higher/lower set point is reached.
7.5.4.2
Switching Frequency
A PLL generates the Switching system clocking from the 32.768 kHz crystal oscillator reference. The switching frequency can
be programmed to 2.0 MHz or 4.0 MHz by setting the PLLX SPI bit as shown in Table 35.
The clocking system provides a near instantaneous activation when the Switching regulators are enabled or when exiting PFM
operation for PWM mode. The PLL can be configured for continuous operation with PLLEN = 1.
7.5.4.3
SW1
SW1 is fully integrated synchronous Buck PWM voltage mode control DC/DC regulator. It can be operated in single phase/dual
phase mode. The operating mode of the Switching regulators is configured by the SW1CFG pin. The SW1CFG pin is sampled
at startup.
Table 35. Buck Regulator Frequency
PLLX
Switching Frequency (Hz)
0
2 000 000
1
4 000 000
Table 36. SW1 Configuration
SW1CFG
SW1A/B Configuration Mode
VCOREDIG
Single Phase Mode
Ground
Dual Phase Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com