Electronic Components Datasheet Search
  English  ▼

X  

MC34708 Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 68Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 69Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 70Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 71Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 72Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 73Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 74Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 75Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
72
MC34708
Functional Block Description
7.5.6.8
VDAC
The primary applications of this power supply is the TV-DAC. However, these supplies could also be used for other peripherals
if one of these functions is not required. Low Power modes and programmable standby options can be used to optimize power
efficiency during deep sleep modes.
An external PNP is utilized for VDAC to avoid excess on-chip power dissipation at high loads and large differentials between BP
and output settings. For stability reasons, a small minimum ESR may be required. External PNP devices must always be
connected to the BP line in the application. The recommended PNP device is the ON Semiconductor NSS12100XV6T1G, which
is capable of handling up to 250 mW of continuous dissipation at minimum footprint and 75 °C of ambient. For use cases where
up to 500 mW of dissipation is required, the recommended PNP device is ON Semiconductor NSS12100UW3TCG. For stability
reasons, an ESR of 110 m
 20%is required.
A short-circuit condition will shut down the VDAC regulator and generate an interrupt for SCPI.
The nominal output voltage of this regulator is SPI configurable, and can be 2.5 V, 2.6 V, 2.7 V, or 2.775 V. The maximum output
current along with an external PNP, is 250 mA.
Table 61. VDAC Voltage Control
Parameter
Value
Output Voltage
ILoad max
VDAC
00
2.500 V
250 mA
01
2.600 V
250 mA
10
2.700 V
250 mA
11
2.775 V
250 mA
Table 62. VDAC Electrical Specification
Characteristics noted under conditions BP = 3.6 V, VBUS = 5.0 V, -40 C  TA  85 C, unless otherwise noted. Typical values
at BP = 3.6 V and TA = 25 °C under nominal conditions, unless otherwise noted.
Symbol
Characteristic
Min
Typ
Max
Unit
Notes
GENERAL
VDACIN
Operating Input Voltage Range VINMIN to VINMAX
VNOM +
0.25
-
4.5
V
IDAC
Operating Current Load Range ILMIN to ILMAX
• Not exceeding PNP max power
0.0
-
250
mA
VDACIN
Extended Input Voltage Range
• Performance may be out of specification
UVDET
-
4.5
V
VDAC ACTIVE MODE – DC
VDAC
Output Voltage VOUT
•VINMIN < VIN < VINMAX ILMIN < IL < ILMAX
VNOM – 3%
VNOM
VNOM + 3%
V
VDACLOPP Load Regulation
•1.0 mA < IL < ILMAX For any VINMIN < VIN < VINMAX
-
0.20
-
mV/mA
VDACLIPP
Line Regulation
•VINMIN < VIN < VINMAX For any ILMIN < IL < ILMAX
-
5.0
-
mV
VDACSCTH Short-circuit Protection Threshold
•VINMIN < VIN < VINMAX Short-circuit VOUT to GND
ILMAX
+20%
-
-
mA
IDACQ
Active Mode Quiescent Current
•VINMIN < VIN < VINMAX IL = 0
-
30
-
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com