Electronic Components Datasheet Search
  English  ▼

X  

MCP2210 Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP2210
Description  USB-to-SPI Protocol Converter with GPIO (Master Mode)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2210 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP2210 Datasheet HTML 25Page - Microchip Technology MCP2210 Datasheet HTML 26Page - Microchip Technology MCP2210 Datasheet HTML 27Page - Microchip Technology MCP2210 Datasheet HTML 28Page - Microchip Technology MCP2210 Datasheet HTML 29Page - Microchip Technology MCP2210 Datasheet HTML 30Page - Microchip Technology MCP2210 Datasheet HTML 31Page - Microchip Technology MCP2210 Datasheet HTML 32Page - Microchip Technology MCP2210 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 82 page
background image
 2011 Microchip Technology Inc.
DS22288A-page 29
MCP2210
3.1.8
GET USB KEY PARAMETERS
3.1.8.1
Responses
FIGURE 3-8:
GET USB KEY PARAMETERS LOGIC FLOW
TABLE 3-21:
COMMAND STRUCTURE
Byte
Index
Meaning
00x61 – Get NVRAM Settings – command code
10x30 – Get USB Key Parameters – sub-command code
20x00 – Reserved
3-63
0x00 – Reserved
TABLE 3-22:
RESPONSE 1 STRUCTURE
Byte
Index
Meaning
0
0x61 – Get NVRAM Settings – echos back the given command code
1
0x00 – Command Completed Successfully
2
0x30 – Sub-command Echoed Back for Get USB Key Parameters code
3-11
Don’t care
12
VID low byte
13
VID high byte
14
PID low byte
15
PID high byte
16-28
Don’t care
29
Chip Power Option (as per USB specs – Chapter 9)
• Bit 7 – Host Powered
• Bit 6 – Self Powered
• Bit 5 – Remote Wake-up Capable
• Bit 4 – Don’t Care
• Bit 3 – Don’t Care
• Bit 2 – Don’t Care
• Bit 1 – Don’t Care
• Bit 0 – Don’t Care
30
Requested Current Amount from USB Host (quanta of 2 mA)
Example: For 100 mA this byte index will have a value of 50 (in decimal) or 0x32.
31-63
Don’t Care
Get NVRAM USB
Key Parameters
Response 1
NVRAM USB
Key Parameters
Retrieved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com