Electronic Components Datasheet Search
  English  ▼

X  

MCP2210 Datasheet(PDF) 47 Page - Microchip Technology

Part # MCP2210
Description  USB-to-SPI Protocol Converter with GPIO (Master Mode)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2210 Datasheet(HTML) 47 Page - Microchip Technology

Back Button MCP2210 Datasheet HTML 43Page - Microchip Technology MCP2210 Datasheet HTML 44Page - Microchip Technology MCP2210 Datasheet HTML 45Page - Microchip Technology MCP2210 Datasheet HTML 46Page - Microchip Technology MCP2210 Datasheet HTML 47Page - Microchip Technology MCP2210 Datasheet HTML 48Page - Microchip Technology MCP2210 Datasheet HTML 49Page - Microchip Technology MCP2210 Datasheet HTML 50Page - Microchip Technology MCP2210 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 82 page
background image
 2011 Microchip Technology Inc.
DS22288A-page 47
MCP2210
3.2.6
SET (VM) GPIO CURRENT PIN DIRECTION
3.2.6.1
Responses
FIGURE 3-17:
SET (VM) GPIO CURRENT PIN DIRECTION LOGIC FLOW
TABLE 3-44:
COMMAND STRUCTURE
Byte
Index
Meaning
0
0x32 – Set (VM) GPIO Current Pin Direction
1
0x00 – Reserved
2
0x00 – Reserved
3
0x00 – Reserved
4
GPIO Direction – 16-bit value (low byte):
• MSB
–
–
–
–
–
–
LSB
GP7DIR GP6DIR GP5DIR GP4DIR GP3DIR GP2DIR GP1DIR GP0DIR
5
GPIO Direction – 16-bit value (high byte):
• MSB
–
–
–
–
–
–
LSB
x
x
x
x
x
x
x
GP8DIR
6-63
0x00 – Reserved
TABLE 3-45:
RESPONSE 1 STRUCTURE
Byte
Index
Meaning
0
0x32 – Set (VM) GPIO Current Pin Direction – echos back the given command code
1
0x00 – Command Completed Successfully
2
Don’t Care
3-63
Don’t Care
Set RAM GPIO
Direction
Response 1
RAM GPIO
Direction Written



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com