Electronic Components Datasheet Search
  English  ▼

X  

MCP2210 Datasheet(PDF) 53 Page - Microchip Technology

Part # MCP2210
Description  USB-to-SPI Protocol Converter with GPIO (Master Mode)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2210 Datasheet(HTML) 53 Page - Microchip Technology

Back Button MCP2210 Datasheet HTML 49Page - Microchip Technology MCP2210 Datasheet HTML 50Page - Microchip Technology MCP2210 Datasheet HTML 51Page - Microchip Technology MCP2210 Datasheet HTML 52Page - Microchip Technology MCP2210 Datasheet HTML 53Page - Microchip Technology MCP2210 Datasheet HTML 54Page - Microchip Technology MCP2210 Datasheet HTML 55Page - Microchip Technology MCP2210 Datasheet HTML 56Page - Microchip Technology MCP2210 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 82 page
background image
 2011 Microchip Technology Inc.
DS22288A-page 53
MCP2210
3.4
External Interrupt Pin (GP6) Event Status
The External Interrupt pin event status command is used by the USB host to query the external interrupt events recorded
by the MCP2210. In order to have the MCP2210 record the number of external interrupt events, GP6 must be configured
to have its dedicated function active.
3.4.1
GET (VM) THE CURRENT NUMBER OF EVENTS FROM THE INTERRUPT PIN
3.4.1.1
Responses
FIGURE 3-22:
GET (VM) THE CURRENT NUMBER OF EVENTS FROM THE INTERRUPT PIN
LOGIC FLOW
TABLE 3-56:
COMMAND STRUCTURE
Byte
Index
Meaning
00x12 – Get (VM) the Current Number of Events From the Interrupt Pin
1
Reset or Not the Event Counter
• 0x00 – reads, then resets the event counter
• Any other value – the event counter is read, however, the counter is not reset
2-63
0x00 - Reserved
TABLE 3-57:
RESPONSE 1 STRUCTURE
Byte
Index
Meaning
0
0x12 – Get (VM) the Current Number of Events from the Interrupt Pin – echos back the given
command code
1
0x00 – Command Completed Successfully
2
Don’t Care
3
Don’t Care
4
Interrupt Event Counter – 16-bit value (low byte)
5
Interrupt Event Counter – 16-bit value (high byte)
63-63
Don’t Care
Get External
Interrupt Pin Events
Counter
Response 1
External Interrupt
Pin Event Counter
Value Retrieved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com