Electronic Components Datasheet Search
  English  ▼

X  

MCP2210 Datasheet(PDF) 36 Page - Microchip Technology

Part # MCP2210
Description  USB-to-SPI Protocol Converter with GPIO (Master Mode)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2210 Datasheet(HTML) 36 Page - Microchip Technology

Back Button MCP2210 Datasheet HTML 32Page - Microchip Technology MCP2210 Datasheet HTML 33Page - Microchip Technology MCP2210 Datasheet HTML 34Page - Microchip Technology MCP2210 Datasheet HTML 35Page - Microchip Technology MCP2210 Datasheet HTML 36Page - Microchip Technology MCP2210 Datasheet HTML 37Page - Microchip Technology MCP2210 Datasheet HTML 38Page - Microchip Technology MCP2210 Datasheet HTML 39Page - Microchip Technology MCP2210 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 82 page
background image
MCP2210
DS22288A-page 36
 2011 Microchip Technology Inc.
3.2.2
SET (VM) SPI TRANSFER SETTINGS
TABLE 3-35:
COMMAND 1 STRUCTURE
Byte
Index
Meaning
0
0x40 – Set (VM) SPI Transfer Settings (volatile memory)
1
0x00 – Reserved
2
0x00 – Reserved
3
0x00 – Reserved
4
Bit Rate (Byte 3) – 32-bit value (Byte 0, Byte 1, Byte 2, Byte 3)
Example: Bit rate = 12,000,000 bps = 00B7 1B00
- This byte position will have a value of = 0x00
5
Bit Rate (Byte 2) – 32-bit value (Byte 0, Byte 1, Byte 2, Byte 3)
Example: Bit rate = 12,000,000 bps = 00B7 1B00
- This byte position will have a value of = 0x1B
6
Bit Rate (Byte 1) – 32-bit value (Byte 0, Byte 1, Byte 2, Byte 3)
Example: Bit rate = 12,000,000 bps = 00B7 1B00
- This byte position will have a value of = 0xB7
7
Bit Rate (Byte 0) – 32-bit value (Byte 0, Byte 1, Byte 2, Byte 3)
Example: Bit rate = 12,000,000 bps = 00B7 1B00
- This byte position will have a value of = 0x00
8
Idle Chip Select Value – 16-bit value (low byte):
• MSB
–
–
–
–
–
–
LSB
CS7 CS6 CS5 CS4 CS3 CS2 CS1 CS0
9
Idle Chip Select Value – 16-bit value (high byte):
• MSB
–
–
–
–
–
–
LSB
x
x
x
x
x
x
x
CS8
10
Active Chip Select Value – 16-bit value (low byte):
• MSB
–
–
–
–
–
–
LSB
CS7 CS6 CS5 CS4 CS3 CS2 CS1 CS0
11
Active Chip Select Value – 16-bit value (high byte):
• MSB
–
–
–
–
–
–
LSB
x
x
x
x
x
x
x
CS8
12
Chip Select to Data Delay (quanta of 100 µs) – 16-bit value (low byte)
Example: If we have 500 µs delay between the CS being asserted and the first byte of data, the value
will be 0x0005.
- This byte position will have a value of: 0x05
13
Chip Select to Data Delay (quanta of 100 µs) – 16-bit value (high byte)
Example: If a 500 µs delay between the CS being asserted and the first byte of data is required, the
value will be 0x0005.
- This byte position will have a value of: 0x00
14
Last Data Byte to CS (de-asserted) Delay (quanta of 100 µs) – 16-bit value (low byte)
Example: If a 500 µs delay between the last data byte sent and the CS being asserted is required, the
value will be 0x0005.
- This byte position will have a value of: 0x05
15
Last Data Byte to CS (de-asserted) Delay (quanta of 100 µs) – 16-bit value (high byte)
Example: If a 500 µs delay between the last data byte sent and the CS being de-asserted is required,
the value will be 0x0005.
- This byte position will have a value of: 0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com