Electronic Components Datasheet Search
  English  ▼

X  

MCP2210 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP2210
Description  USB-to-SPI Protocol Converter with GPIO (Master Mode)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2210 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP2210 Datasheet HTML 7Page - Microchip Technology MCP2210 Datasheet HTML 8Page - Microchip Technology MCP2210 Datasheet HTML 9Page - Microchip Technology MCP2210 Datasheet HTML 10Page - Microchip Technology MCP2210 Datasheet HTML 11Page - Microchip Technology MCP2210 Datasheet HTML 12Page - Microchip Technology MCP2210 Datasheet HTML 13Page - Microchip Technology MCP2210 Datasheet HTML 14Page - Microchip Technology MCP2210 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 82 page
background image
 2011 Microchip Technology Inc.
DS22288A-page 11
MCP2210
3.0
USB COMMANDS/RESPONSES
DESCRIPTION
MCP2210 implements the HID interface for all the
device-provided functionalities. The chip uses a
command/response mechanism for the USB engine.
This means that for every USB command sent (by the
USB host) to the MCP2210, it will always reply with a
response packet.
The MCP2210 USB commands can be grouped by
their provided features as follows:
• NVRAM Settings
- Read/Write NVRAM related parameters
- Send access password
• Read/Write RAM Settings (copied from NVRAM
at power-up or Reset):
- Read/Write (volatile – RAM stored settings)
SPI transfer settings
- Read/Write (volatile – RAM stored settings)
chip settings
- Read/Write (volatile – RAM stored settings)
GPIO direction
- Read/Write (volatile – RAM stored settings)
GPIO output values
• Read/Write EEPROM Memory
• External Interrupt Pin (GP6) Event Status
• SPI Data Transfer:
- Read/Write SPI transfer data
- Cancels the ongoing SPI transfer
- SPI bus release manipulation
• Chip Status and Unsupported commands
3.1
NVRAM Settings
The commands in this category are related to the NVRAM settings manipulation.
3.1.1
SET CHIP SETTINGS POWER-UP DEFAULT
TABLE 3-1:
COMMAND STRUCTURE
Byte Index
Meaning
0
0x60 – Set Chip NVRAM Parameters – command code
1
0x20 – Set Chip Settings Power-up Default – sub-command code
2
0x00 – Reserved
3
0x00 – Reserved
4
GP0 Pin Designation
• GPIO = 0x00
• Chip Selects = 0x01
• Dedicated Function pin = 0x02
5
GP1 Pin Designation
• GPIO = 0x00
• Chip Selects = 0x01
• Dedicated Function pin = 0x02
6
GP2 Pin Designation
• GPIO = 0x00
• Chip Selects = 0x01
• Dedicated Function pin = 0x02
7
GP3 Pin Designation
• GPIO = 0x00
• Chip Selects = 0x01
• Dedicated Function pin = 0x02
8
GP4 Pin Designation
• GPIO = 0x00
• Chip Selects = 0x01
• Dedicated Function pin = 0x02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com