Electronic Components Datasheet Search
  English  ▼

X  

MCP2210 Datasheet(PDF) 65 Page - Microchip Technology

Part # MCP2210
Description  USB-to-SPI Protocol Converter with GPIO (Master Mode)
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2210 Datasheet(HTML) 65 Page - Microchip Technology

Back Button MCP2210 Datasheet HTML 61Page - Microchip Technology MCP2210 Datasheet HTML 62Page - Microchip Technology MCP2210 Datasheet HTML 63Page - Microchip Technology MCP2210 Datasheet HTML 64Page - Microchip Technology MCP2210 Datasheet HTML 65Page - Microchip Technology MCP2210 Datasheet HTML 66Page - Microchip Technology MCP2210 Datasheet HTML 67Page - Microchip Technology MCP2210 Datasheet HTML 68Page - Microchip Technology MCP2210 Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 82 page
background image
 2011 Microchip Technology Inc.
DS22288A-page 65
MCP2210
TABLE 4-2:
THERMAL CONSIDERATIONS
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40
C  TA  +85C (I-Temp)
Param
No.
Sym
Characteristic
Typ
Units
Conditions
TH01
θJA
Thermal Resistance Junction to
Ambient
85.2
C/W
20-pin SOIC package
108.1
C/W
20-pin SSOP package
36.1
C/W
20-pin QFN 5x5 mm package
TH02
θJC
Thermal Resistance Junction to
Case
24
C/W
20-pin SOIC package
24
C/W
20-pin SSOP package
1.7
C/W
20-pin QFN 5x5 mm package
TH03
TJMAX
Maximum Junction Temperature
150
C
TH04
PD
Power Dissipation
—
W
PD = PINTERNAL + PI/O
TH05
PINTERNAL Internal Power Dissipation
—
W
PINTERNAL = IDD x VDD(1)
TH06
PI/O
I/O Power Dissipation
—
W
PI/O =
 (IOL * VOL) +  (IOH * (VDD –
VOH))
TH07
PDER
Derated Power
—
W
PDER = PDMAX (TJ - TA)/θJA(2,3)
Note 1: IDD is the current to run the chip alone without driving any load on the output pins.
2: TA = Ambient Temperature.
3: TJ = Junction Temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com