Electronic Components Datasheet Search
  English  ▼

X  

GG710 Datasheet(PDF) 18 Page - Cooper Bussmann, Inc.

Part # GG710
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

GG710 Datasheet(HTML) 18 Page - Cooper Bussmann, Inc.

Back Button GG710 Datasheet HTML 14Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 15Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 16Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 17Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 18Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 19Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 20Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 21Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 22Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
Cylindrical/Offset Bolted Tag
440V / 0.25 - 150A
Specifications
Description:
Cylindrical Fuse links
originally developped for the Admiralty but
are now used in a wide variety of
applications
Ratings:
Applications:
defence, aeronautical, allied industries,
electronics
Agency information:
Defence standard 59-96
(superceding DEF 63). Tested to BS88 at 440V/33kA
RoHS Compliant
Dimensions
Joint NATO Reference System
Size
A
D
B
0
32.05
6.37
5.55
1
33.6
11.86
7.14
2
37.6
16.7
8.71
3
47.9
33.3
11.9
Size
A
B
C
D
1
56.03
44.65
33.9
11.96
2
70.7
55.84
37.4
16.7
3
88.6
69.77
47.4
33.3
Catalogue Numbers
Size
Rating
(A)
Cylindrical
Offset Bolted
Unit
Packing
0
0.25
059-0107
N/A
100
0.5
059-0108
1
059-0109
2
059-0110
3
059-0111
5
059-0112
7
059-0113
10
059-9925
15
059-9926
1
0.5
059-0140
059-0114
25
1
059-0141
059-0115
2
059-0142
059-0116
3
059-0143
059-0117
5
059-0144
059-0118
7
059-0145
059-0119
10
059-0146
059-0120
15
059-0147
059-0121
20
011-9483
011-9679
30
012-0140
2
10
059-0148
059-0122
25
15
059-0149
059-0123
20
059-0150
059-0124
30
059-0151
059-0125
40
059-0067
50
011-9127
60
012-0141
3
40
059-0152
059-0126
25
50
059-0153
059-0127
80
059-0154
059-0128
100
059-0155
059-0129
125
011-9128
160
011-9129
Cylindrical
Offset Bolted Tag
Volts: - 440V
Amps: - 0.25 - 100A (Cylindrical)
- 0.5 - 150A (Offset Bolted Tag)
IR - 33kA @ 440Vac
Data Sheets: size 0: 4188/ size 1: 4189 / size 2: 4190 / size 3: 4191
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com