Electronic Components Datasheet Search
  English  ▼

X  

GG710 Datasheet(PDF) 40 Page - Cooper Bussmann, Inc.

Part # GG710
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

GG710 Datasheet(HTML) 40 Page - Cooper Bussmann, Inc.

Back Button GG710 Datasheet HTML 36Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 37Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 38Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 39Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 40Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 41Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 42Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 43Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 44Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
NH Fuse Switch Disconnectors
Horizontal Style
BFH
690V / 160 - 1600A
Sizes 000, 00, 1, 2, 3, 4A
Specifications
Description:
Horizontal Switch
disconnectors are designed to be used with NH Fuses.
Enabling safe connection and disconnection operations.
Main features are:
- Measuring holes in the fuse cover
- Possibility to lock the fuse cover
- Label for protected circuit identification
- Panel mounting with screws. On 35mm DIN Rail (only size
000)
Ratings:
Applications:
Industrial control panels, motor control
panels
Approvals:
CE, IEC EN 60947-1, IEC EN 60947-3
Dimensions:
Catalogue Numbers
Volts: -
690V ac / 250V dc (sizes 1,2,3) /
400V dc (size 000)
Amps: - 160 - 1600A
Utilization
category
- 400V ac - AC23B
- 500V ac - AC22B
- 690V ac - AC21B
- 250V dc - DC21B (sizes 1,2,3)
- 250V dc - DC22B (sizes 000, 00)
- 440V dc - DC20B
Size
Rating
(A)
Catalogue Number
Terminals
UP*
1 Pole
3 Poles
000
160
BFH000-1A/T
BFH000-3A/T
Terminal Clips for 1.5- to
50mm2 cable
1
00
160
BFH00-1A/F
BFH00-3A/F
Terminal Screw M8
1
1
250
BFH1-1A/F
BFH1-3A/F
Terminal Screws M10
1
2
400
BFH2-1A/F
BFH2-3A/F
Terminal Screws M10
1
3
630
BFH3-1AF
BFH3-3A/F
Terminal Screws M12
1
4A
1600
LBS4/1
LBS4/3
Terminal Screws 2xM12
1
* UP = Unit Packing
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com