Electronic Components Datasheet Search
  English  ▼

X  

GG710 Datasheet(PDF) 22 Page - Cooper Bussmann, Inc.

Part # GG710
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

GG710 Datasheet(HTML) 22 Page - Cooper Bussmann, Inc.

Back Button GG710 Datasheet HTML 18Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 19Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 20Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 21Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 22Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 23Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 24Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 25Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 26Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
AD
440V ac / 15 - 90A
Sizes: 10x38, 14x51,
22x58 (cylindrical
fuses)
00 (Knife fuses)
Specifications
Description:
fuse cartridge type AD for fitting to circuit
breakers on low-voltage branch circuits.
Ratings:
Applications:
Fitting for circuit breakers in public
branch panels
Agency Information:
Conform to standards NF C 62-
921, EN IEC 60269
RoHS Compliant
Dimensions
Catalogue Numbers
Domestic Fuses
Volts: - 440V ac
Amps: - 15 - 60A (Cylindrical fuses)
- 30 - 90A (Fuse size 00)
IR - 20kA (size 10x38)
- 32kA (size 14x51, 22x58, 00)
Sizes
A
B
C
10x38
10.3
38
10
14x51
14.3
51
13
22x58
22.2
58
16
23
Size
Current
(A)
Catalogue
Number
Voltage
(V)
Unit
Packing
10x38
15
CA10D15
440V
10
14x51
30
CA14D30
22x58
15
30
45
60
CA22D15
CA22D30
CA22D45
CA22D60
0
30
45
60
90
30NH00AD
45NH00AD
60NH00AD
90NH00AD
440V
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com