Electronic Components Datasheet Search
  English  ▼

X  

GG710 Datasheet(PDF) 32 Page - Cooper Bussmann, Inc.

Part # GG710
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

GG710 Datasheet(HTML) 32 Page - Cooper Bussmann, Inc.

Back Button GG710 Datasheet HTML 28Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 29Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 30Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 31Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 32Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 33Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 34Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 35Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 36Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
NH Fuses
Class aM
500V / 2 - 630A
Sizes C00, 0, 1, 2, 3
Specifications
Description:
NH Fuses for aM
range industrial protection (general
protection). Indicator for fuse activation in the side panel.
The components used in manufacture are lead and
cadmium free. Fuses subject to HRC recycling commitment.
Ratings:
Applications:
Protection of direct starter motors
Standards and Approvals:
Conform to standards EN IEC
60269, VDE 0636, DIN 43620.
Dimensions:
see page 35
Size
Rated
current
(A)
Voltage
conducting
gripping lugs
Disconnect
Power
(kA)
Unit
Packing
C00
2
2NHC00M
120kA
3
4
4NHC00M
6
6NHC00M
10
10NHC00M
16
16NHC00M
20
20NHC00M
25
25NHC00M
32
32NHC00M
40
40NHC00M
50
50NHC00M
00
63
63NH00M
120kA
3
80
80NH00M
100
100NH00M
125
125NH00M
160
160NH00M
0
32
32NH0M
120kA
3
50
50NH0M
63
63NH0M
80
80NH0M
100
100NH0M
125
125NH0M
160
160NH0M
1
40
40NH1M
120kA
3
50
50NH1M
63
63NH1M
80
80NH1M
100
100NH1M
125
125NH1M
160
160NH1M
200
200NH1M
250
250NH1M
2
100
100NH2M
120kA
3
125
125NH2M
160
160NH2M
200
200NH2M
250
250NH2M
315
315NH2M
355
355NH2M
400
400NH2M
3
315
315NH3M
120kA
3
400
400NH3M
500
500NH3M
630
630NH3M
Catalogue Numbers
Volts: - 500V ac
Amps: - 2 - 630A
IR - 120kA - 500Vac
- 50kA - 250V dc
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com