Electronic Components Datasheet Search
  English  ▼

X  

GG710 Datasheet(PDF) 45 Page - Cooper Bussmann, Inc.

Part # GG710
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

GG710 Datasheet(HTML) 45 Page - Cooper Bussmann, Inc.

Back Button GG710 Datasheet HTML 41Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 42Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 43Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 44Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 45Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 46Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 47Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 48Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 49Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
Other Low Voltage Fuse Ranges
North American Standard Fuses and
Holders
Specifications
Description:
Round fuses and holders in accordance with
North American standards. Some ranges available with fuse
actuation display.
Makes: CUBEFuse TM low-peak, Fusetron, Limitron, CC-
Tron, Dura-LagTM, T-Tron, Optima.
Modular fuse holders (class CC, Midget and class J), fuse
holders and isolator circuit-breakers.
Ratings:
Applications:
General use for all types of protection and
also motor protection.
Standards and Approvals:
Classes UL and CSA certified
(consult us for types)
Dimensions:
Miniature, class CC, class RK5, class RK1,
class J, class G, Midget, class L.
Volts: - 125 to 600V ac
Amps: - 100mA to 6000A
IR - 300kA
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com