Electronic Components Datasheet Search
  English  ▼

X  

GG710 Datasheet(PDF) 24 Page - Cooper Bussmann, Inc.

Part # GG710
Description  Circuit Protection Solutions Low Voltage Fuse Links Catalogue
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

GG710 Datasheet(HTML) 24 Page - Cooper Bussmann, Inc.

Back Button GG710 Datasheet HTML 20Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 21Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 22Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 23Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 24Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 25Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 26Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 27Page - Cooper Bussmann, Inc. GG710 Datasheet HTML 28Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
Low Voltage Fuse Links Catalogue
For Product Data Sheets, visit www.cooperbussmann.com
Class aM
400 - 690V / 0.16 - 125A
Sizes: 8 x 31, 10 x 38,
14 x 51, 22 x 58
Specifications
Description:
Cylindrical fuses for aM
industrial protection range (protection of motors).
Available in types without indicators, with visual fuse
activation indicator and plunger for activation of an
auxiliary contact.
Ratings:
Applications:
Direct protection of motors
Agency information:
Conform to standard EN IEC
60269
RoHS Compliant
Dimensions
Cylindrical Industrial Fuses
Catalogue Numbers
Volts: - 440, 500, 690V ac
Amps: - 0.16 - 125A
IR - 20kA - 400V ac (size 8 x 31)
120kA - 400 and 500V ac
80kA - 690Vac
Size
A
B
C
D
E
8 x 31
8.5
31.5
6.3
10 x 38
10.3
38
10
14 x 51
14.3
51
13
8
4
22 x 58
22.2
58
16
8
4
Size
Current
(A)
References
without
Indicator
References
with Indicator
References
with striker
Voltage
(V)
Disconnection
power (kA)
UP*
8 x 31
1
C8M1
C8M1I
N/A
400V
20kA
10
2
C8M2
C8M2I
4
C8M4
C8M4I
6
C8M6
C8M6I
8
C8M8
-
10
C8M10
C8M10I
10 x 38
0.16
C10M0.16
-
N/A
500V
120kA
10
0.25
C10M0.25
-
0.5
C10M0.5
-
1
C10M1
C10M1I
2
C10M2
C10M2I
4
C10M4
C10M4I
6
C10M6
C10M6I
8
C10M8
C10M8I
10
C10M10
C10M10I
12
C10M12
C10M12I
16
C10M16
C10M16I
20
C10M20
C10M20I
25
C10M25
C10M25I
400V
32
C10M32
-
14 x 51
0.25
C14M0.25
500V
120kA
10
0.5
C14M0.50
1
C14M1
C14M1I
2
C14M2
C14M2I
C14M2S
4
C14M4
C14M4I
C14M4S
6
C14M6
C14M6I
C14M6S
8
C14M8
C14M8I
C14M8S
10
C14M10
C14M10I
C14M10S
12
C14M12
C14M12I
C14M12S
16
C14M16
C14M16I
C14M16S
20
C14M20
C14M20I
C14M20S
25
C14M25
C14M25I
C14M25S
32
C14M32
C14M32I
C14M32S
40
C14M40
C14M40I
C14M40S
50
C14M50
C14M50I
C14M50S
400V
22 x 58
2
C22M2
C22M2I
690V
80kA
10
4
C22M4
C22M4I
6
C22M6
C22M6I
8
C22M8
C22M8I
10
C22M10
C22M10I
12
C22M12
C22M12I
16
C22M16
C22M16I
C22M16S
20
C22M20
C22M20I
C22M20S
25
C22M25
C22M25I
C22M25S
32
C22M32
C22M32I
C22M32S
40
C22M40
C22M40I
C22M40S
50
C22M50
C22M50I
C22M50S
63
C22M63
C22M63I
C22M63S
80
C22M80
C22M80I
C22M80S
500V
120kA
100
C22M100
C22M100I C22M100S
125
C22M125
C22M125I C22M125S
400V
8 x 31
Neutral
C8NL
10 x 38
C10NL
14 x 51
C14NL
22 x 58
C22NL
Neutral Cartridges
25
*UP: Unit Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com