Electronic Components Datasheet Search
  English  ▼

X  

SNAD01B Datasheet(PDF) 8 Page - SONiX Technology Company

Part # SNAD01B
Description  8-CHANNEL 8-BIT ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNAD01B Datasheet(HTML) 8 Page - SONiX Technology Company

Back Button SNAD01B Datasheet HTML 4Page - SONiX Technology Company SNAD01B Datasheet HTML 5Page - SONiX Technology Company SNAD01B Datasheet HTML 6Page - SONiX Technology Company SNAD01B Datasheet HTML 7Page - SONiX Technology Company SNAD01B Datasheet HTML 8Page - SONiX Technology Company SNAD01B Datasheet HTML 9Page - SONiX Technology Company SNAD01B Datasheet HTML 10Page - SONiX Technology Company SNAD01B Datasheet HTML 11Page - SONiX Technology Company SNAD01B Datasheet HTML 12Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
SNAD01B
8-CHANNEL 8-BIT ADC
Name
Function
PH
Set the pull-up resistor of the channel in digital input mode. 1:ON,
0:OFF.
PL
Set the pull-down resistor of the channel in digital input mode. 1:ON,
0:OFF.
RF
Set the Bandgap reference. 1:ON, 0:OFF.
MB
For testing chip only, always set MB=0 in system power-on initialization
routine.
Table2 The function table of control registers
Note:
1. The condition of both PH=1 and PL=1 is prohibited.
2. Pull-up and pull-down resistors are not activated while the corresponding channel is set
as analog input mode.
ADC Read Timing
0
0
ID2
ID1
ID0
1
HiZ
D7
D6
D4
D3
D5
D1
D0
D2
START
CLK
DIO
Port Input
Port Output
xx
t
ACQ
xx
PDS
Figure5 The timing diagram of ADC reading
1.Command ID: (100)
2.3-bit channel number data behind command ID.
3.The analog signal of the selected channel is sampled to ADC. ADC refers the reference
voltage and converts the sampled analog signal to digital domain by successive-
approximation method.
4.The 8-bit output data (result of conversion) of ADC is sent to DIO port from MSB and is
triggered by CLK. The maximum clock frequency is 500kHz @ 2.7v. (Maximum conversion
rate=25KHz)
Version: 1.3
July 31, 2003
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com