Electronic Components Datasheet Search
  English  ▼

X  

SNAD01B Datasheet(PDF) 9 Page - SONiX Technology Company

Part # SNAD01B
Description  8-CHANNEL 8-BIT ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNAD01B Datasheet(HTML) 9 Page - SONiX Technology Company

Back Button SNAD01B Datasheet HTML 5Page - SONiX Technology Company SNAD01B Datasheet HTML 6Page - SONiX Technology Company SNAD01B Datasheet HTML 7Page - SONiX Technology Company SNAD01B Datasheet HTML 8Page - SONiX Technology Company SNAD01B Datasheet HTML 9Page - SONiX Technology Company SNAD01B Datasheet HTML 10Page - SONiX Technology Company SNAD01B Datasheet HTML 11Page - SONiX Technology Company SNAD01B Datasheet HTML 12Page - SONiX Technology Company SNAD01B Datasheet HTML 13Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
SNAD01B
8-CHANNEL 8-BIT ADC
5.After the 8-bits ADC data has been sent out, if the START is kept in LOW and CLK is kept
in High/Low transition, then the data with uncertain value are kept appearing on DIO. These
data can just be ignored.
Channel ID[2:0]
Selected Channel
000
CH0
001
CH1
010
CH2
011
CH3
100
CH4
101
CH5
110
CH6
111
CH7
Table3 Channel Selection Table.
Timing of Digital Input Reading
START
CLK
DI[7]
HiZ
DIO
0
1
1
DI[6] DI[5] DI4] DI[3] DI[2] DI[1] DI[0] DI[7] DI[6] DI[5] DI4] DI[3] DI[2] DI[1] DI[0] DI[7]
Port Input
Port Output
Figure6 The timing diagram of the digital input reading
1. Command ID: (101).
2. The digital data of each channel is sent to the DIO port with the sequence of channel 7 to 0.
3. After all of the channels are read, if the START is kept in LOW and CLK is kept in
HIGH/LOW transition, the digital data of each channel is sent to the DIO port again with the
sequence of channel 7 to 0 cyclically.
4. Pulling START to HIGH terminates this digital input reading.
Note: Once a channel is programmed as analog type, the corresponding data is “0” in digital
input reading command.
Version: 1.3
July 31, 2003
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com