Electronic Components Datasheet Search
  English  ▼

X  

SNAD01B Datasheet(PDF) 11 Page - SONiX Technology Company

Part # SNAD01B
Description  8-CHANNEL 8-BIT ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNAD01B Datasheet(HTML) 11 Page - SONiX Technology Company

Back Button SNAD01B Datasheet HTML 7Page - SONiX Technology Company SNAD01B Datasheet HTML 8Page - SONiX Technology Company SNAD01B Datasheet HTML 9Page - SONiX Technology Company SNAD01B Datasheet HTML 10Page - SONiX Technology Company SNAD01B Datasheet HTML 11Page - SONiX Technology Company SNAD01B Datasheet HTML 12Page - SONiX Technology Company SNAD01B Datasheet HTML 13Page - SONiX Technology Company SNAD01B Datasheet HTML 14Page - SONiX Technology Company SNAD01B Datasheet HTML 15Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
SNAD01B
8-CHANNEL 8-BIT ADC
3. After SNAD01B enters power down (mode 1: command 111), SNAD01B sends “1” out to
DIO until a valid logic transition appears on any wakeup-enabled digital input channel. Once
the transition occurs, SNAD01B toggles DIO to “0” to inform host controller. After receiving
“0” from DIO, host controller should turn START back to “1” to inform SNAD01B that the
power-down stage is over. Otherwise, SNAD01B keeps sending out “1” to DIO and does not
recognize any other transitions any the channels.
4. The CLK may stop but START ought to remain at LOW level in the whole power down
mode.
Note:
1. Wakeup function is only dedicated to the channel which is digital input type AND
wakeup-enabled.
2. In SNAD01B version, the standby current will more than 50uA in AD conversion
reference voltage use “REF” pin connected external voltage.
Bandgap reference
Figure8 Circuit diagram of ADC bandgap reference selection
VDD
VSS
REF
PAD
to reference
high of the ADC
RF
RF+RF MB
1.2v
bandgap
reference
ON CHIP
OFF CHIP
If the internal bandgap reference is turned ON (RF=1), the reference voltage of ADC is
supplied by output voltage of the internal bandgap reference circuit. This bandgap
consumes about 300
µA. The output voltage of bandgap reference is around 1.17V
typically.
Note: MB for chip test only. Always set MB=0 with command (011) in System Power-On
Initialization Routine.
Version: 1.3
July 31, 2003
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com