Electronic Components Datasheet Search
  English  ▼

X  

SNAD01B Datasheet(PDF) 29 Page - SONiX Technology Company

Part # SNAD01B
Description  8-CHANNEL 8-BIT ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNAD01B Datasheet(HTML) 29 Page - SONiX Technology Company

Back Button SNAD01B Datasheet HTML 23Page - SONiX Technology Company SNAD01B Datasheet HTML 24Page - SONiX Technology Company SNAD01B Datasheet HTML 25Page - SONiX Technology Company SNAD01B Datasheet HTML 26Page - SONiX Technology Company SNAD01B Datasheet HTML 27Page - SONiX Technology Company SNAD01B Datasheet HTML 28Page - SONiX Technology Company SNAD01B Datasheet HTML 29Page - SONiX Technology Company SNAD01B Datasheet HTML 30Page - SONiX Technology Company SNAD01B Datasheet HTML 31Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
SNAD01B
8-CHANNEL 8-BIT ADC
Program 5: Battery Low Detection
SNC520
SNAD01B
START
CLK
DIO
VDD
AVDD
REF
VSS
AVSS
CH[7]
VDD
0.1uF
VDD
VDD
VDD
VSS
P20
P21
P22
VDD
Battery:
1.5Vx3
An application uses three 1.5V batteries for power supply. During operation, the
power of batteries keeps consumed and the voltage of battery keeps going down.
Now, voltage lower than 3.6V is treated as “Battery Low”. The ADC and bandgap
reference circuit in SNAD01B can be utilized to detect “Battery Low”.
The voltage through channel 7 to ADC is reduced to 1/6*VDD (Figure10). Thus, when
VDD=3.6V, the voltage into ADC is around 0.6V. And bandgap is chosen for
reference voltage (approximately 1.17V within the whole operation voltage range).
The value acquired from ADC is about (0.6/1.17)*256=131. For simplification
consideration, we choose “ADC’s readout < 128” as “Battery Low” condition.
;; Inherit from program 1
;; Enter Power-down Mode (0)
CheckBattery:
@Set_Control_Reg
#0, #1, #1, #0
;; Set rf=1, turn-on bandgap
@Set_Attrib
#1, #1, #1, #0, #0, #0, #1, #1 ;; Switch Ch7 to Analog
mov
m15
#0
CheckAgain:
@Read_ADC #1, #1, #1
;; Read Ch7
mov
a
#1000b
and
a
ad_out_h
caje
#1000b Battery_Low_No
;; if (Value>=128) then Not Battery Low
mov
a
m15
inca
mov
m15
a
caje
#3
Battery_Low_Yes
;; if (Value<128) for 3 times, then
jmp
CheckAgain
;; battery low.
Battery_Low_Yes:
mov
m14
#1
Version: 1.3
July 31, 2003
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com