Electronic Components Datasheet Search
  English  ▼

X  

SNAD01B Datasheet(PDF) 7 Page - SONiX Technology Company

Part # SNAD01B
Description  8-CHANNEL 8-BIT ADC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNAD01B Datasheet(HTML) 7 Page - SONiX Technology Company

Back Button SNAD01B Datasheet HTML 3Page - SONiX Technology Company SNAD01B Datasheet HTML 4Page - SONiX Technology Company SNAD01B Datasheet HTML 5Page - SONiX Technology Company SNAD01B Datasheet HTML 6Page - SONiX Technology Company SNAD01B Datasheet HTML 7Page - SONiX Technology Company SNAD01B Datasheet HTML 8Page - SONiX Technology Company SNAD01B Datasheet HTML 9Page - SONiX Technology Company SNAD01B Datasheet HTML 10Page - SONiX Technology Company SNAD01B Datasheet HTML 11Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
SNAD01B
8-CHANNEL 8-BIT ADC
Channel Setting
Figure3 The timing diagram of channel attribute/wakeup setting
START
CLK
HiZ
DIO
0/1
1/0
0/0
CH[7] CH[6] CH[5] CH[4] CH[3] CH[2] CH[1] CH[0] xxx
Port Input
Command 001: channel attribute setting. Command 010: wakeup function setting.
In attribute setting, “1” means analog and “0” means digital. In wakeup setting, “1” means
enable and “0” means disable. After all of the channels are set, the DIO port remains input
mode and all the following data are ignored.
Control Register Setting
START
CLK
HiZ
DIO
1
1
0
PH
PL
RF
MB
xxx
Port Input
xxx
xxx
xxx
xxx
Figure4 The timing diagram of control registers setting
1. Command ID: (011)
2. 4-bit data behind command ID are loaded into control registers with the sequence of PH,
PL, RF and MB.
3. The function of each control registers are as Table2.
Version: 1.3
July 31, 2003
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com