Electronic Components Datasheet Search
  English  ▼

X  

SNAD02C Datasheet(PDF) 9 Page - SONiX Technology Company

Part # SNAD02C
Description  8-CHANNEL 10-BIT ADC?
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNAD02C Datasheet(HTML) 9 Page - SONiX Technology Company

Back Button SNAD02C Datasheet HTML 5Page - SONiX Technology Company SNAD02C Datasheet HTML 6Page - SONiX Technology Company SNAD02C Datasheet HTML 7Page - SONiX Technology Company SNAD02C Datasheet HTML 8Page - SONiX Technology Company SNAD02C Datasheet HTML 9Page - SONiX Technology Company SNAD02C Datasheet HTML 10Page - SONiX Technology Company SNAD02C Datasheet HTML 11Page - SONiX Technology Company SNAD02C Datasheet HTML 12Page - SONiX Technology Company SNAD02C Datasheet HTML 13Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
SNAD02C
8-CHANNEL 10-BIT ADC
(1) Command ID: (100)
(2) 3-bit channel number data behind command ID.
(3) The analog signal of the selected channel is sampled to ADC. ADC refers the reference
voltage and converts the sampled analog signal to digital domain by successive-
approximation method.
(4) The 10-bit output data (result of conversion) of ADC is sent to DIO port from MSB and is
triggered by CLK. The maximum clock frequency is 500kHz @ 2.7v. (Maximum conversion
rate=25KHz)
(5) After the 10-bits ADC data has been sent out, if the START is kept in LOW and CLK is kept in
High/Low transition, then the data with uncertain value are kept appearing on DIO. These
data can just be ignored.
Channel ID[2:0]
Selected Channel
000
CH0
001
CH1
010
CH2
011
CH3
100
CH4
101
CH5
110
CH6
111
CH7
Table-4 Channel Selection Table
6.5. Timing of Digital Input Reading
CLK
START
Digital Input
Reading
HiZ
CM
2
CM
1
CM0
DI[7] DI[6] DI[5] DI[4]
DI[3] DI[2] DI[1] DI[0]
DI[3]
DI[7] DI[6] DI[5] DI[4]
DIO
Port Output
Port Input
Figure-7 The timing diagram of the digital input reading
Version: 1.3
July 31, 2003
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com