Electronic Components Datasheet Search
  English  ▼

X  

SNAD02C Datasheet(PDF) 23 Page - SONiX Technology Company

Part # SNAD02C
Description  8-CHANNEL 10-BIT ADC?
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNAD02C Datasheet(HTML) 23 Page - SONiX Technology Company

Back Button SNAD02C Datasheet HTML 19Page - SONiX Technology Company SNAD02C Datasheet HTML 20Page - SONiX Technology Company SNAD02C Datasheet HTML 21Page - SONiX Technology Company SNAD02C Datasheet HTML 22Page - SONiX Technology Company SNAD02C Datasheet HTML 23Page - SONiX Technology Company SNAD02C Datasheet HTML 24Page - SONiX Technology Company SNAD02C Datasheet HTML 25Page - SONiX Technology Company SNAD02C Datasheet HTML 26Page - SONiX Technology Company SNAD02C Datasheet HTML 27Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
SNAD02C
8-CHANNEL 10-BIT ADC
@@:
;;***************************************
@Clock
@OFF_START
;; SET START=1
endm
;;***************************************
9.1. Program 1: Set Configuration of SNAD02C
;; Setup Configuration of SNAD02C
;;
;; With Pull-Low, use “REF” pin connected external voltage . (PH=0, PL=1, RF=0,MB=1)
;;
;;
CH7 CH6 CH5 CH4 CH3 CH2 CH1 CH0
;; Analog/Digital: B
A
A
D
D
D
A
A
:B, battery detect
;; Wakeup:
X
X
X
NO YES YES X
X
;;
SNC520
program
include def.h
START:
mov
a
#1111b
mov
p2s
a
mov
a
#0000b
mov
p2
a
mov
p2State #0
@Set_Control_Reg
#0, #1, #0, #1
;; Set Control Registers
@Set_Attrib
#0, #1, #1, #0, #0, #0, #1, #1
;; Set Chan Analog/Digital
@Set_Wakeup
#0, #0, #0, #0, #1, #1, #0, #0
;; Setup Wakeup function
9.2. Program 2: Read ADC result from Channel 1
;; Inherit from program 1
;; 10-bit ADC result of channel 1 in ( ad_hh,ad_out_h, ad_out_l)
;; ad_hh is bit9~bit8, ad_out_h is bit7~bit4, ad_out_l is bit3~bit0
@Read_ADC
#0, #0, #1
;;get ADC result from Ch1 in ( ad_hh,ad_out_h, ad_out_l)
…
…
9.3. Program 3: Read Digital Input data from Ch4, Ch3, CH2
;; Inherit from program 1
;; After Reading,
;; Port_h.0 = Input of Ch4
;; Port_l.3= Input of Ch3
;; Port_l.2 = Input of Ch2
@Read_Port
;; 8-bit Data
(port_h, port_l)
…
…
Version: 1.3
July 31, 2003
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com