Electronic Components Datasheet Search
  English  ▼

X  

SNAD02C Datasheet(PDF) 24 Page - SONiX Technology Company

Part # SNAD02C
Description  8-CHANNEL 10-BIT ADC?
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNAD02C Datasheet(HTML) 24 Page - SONiX Technology Company

Back Button SNAD02C Datasheet HTML 19Page - SONiX Technology Company SNAD02C Datasheet HTML 20Page - SONiX Technology Company SNAD02C Datasheet HTML 21Page - SONiX Technology Company SNAD02C Datasheet HTML 22Page - SONiX Technology Company SNAD02C Datasheet HTML 23Page - SONiX Technology Company SNAD02C Datasheet HTML 24Page - SONiX Technology Company SNAD02C Datasheet HTML 25Page - SONiX Technology Company SNAD02C Datasheet HTML 26Page - SONiX Technology Company SNAD02C Datasheet HTML 27Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
SNAD02C
8-CHANNEL 10-BIT ADC
9.4. Program 4: Power-down SNAD02C and Host, and Wake-up
;; Inherit from program 1
;; Enter Power-down Mode (0)
@Set_Control_Reg #0, #1, #0, #0
;; Set Control Registers RF and MB is 0
@Power_Down_0
;;SNAD02 enters power-down Mode (0)
end
;; HOST(SNC520) enter power down
TRIGGER:
@OFF_START
;; SET START=1
@Read_Port
;; READ Trigger condition or Debounce Procedure starting from here
9.5. Program 5: Battery Low Detection
SNC520
SNAD02C
START
CLK
DIO
VDD
AVDD
REF
VSS
AVSS
CH[7]
VDD
0.1uF
VDD
VDD
VDD
VSS
P20
P21
P22
VDD
Battery:
1.5Vx3
An application uses three 1.5V batteries for power supply. During operation, the
power of batteries keeps consumed and the voltage of battery keeps going down.
Now, voltage lower than 3.6V is treated as “Battery Low”. The ADC and band-gap
reference circuit in SNAD02 can be utilized to detect “Battery Low”.
The voltage through channel 7 to ADC is reduced to 1/6*VDD (Figure10). Thus, when
VDD=3.6V, the voltage into ADC is around 0.6V. And bandgap is chosen for
reference voltage (approximately 1.17V within the whole operation voltage range).
The value acquired from ADC is about (0.6/1.17)*256=131. For simplification
consideration, we choose “ADC’s readout < 128” as “Battery Low” condition.
Version: 1.3
July 31, 2003
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com