Electronic Components Datasheet Search
  English  ▼

X  

SNAD02C Datasheet(PDF) 12 Page - SONiX Technology Company

Part # SNAD02C
Description  8-CHANNEL 10-BIT ADC?
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNAD02C Datasheet(HTML) 12 Page - SONiX Technology Company

Back Button SNAD02C Datasheet HTML 8Page - SONiX Technology Company SNAD02C Datasheet HTML 9Page - SONiX Technology Company SNAD02C Datasheet HTML 10Page - SONiX Technology Company SNAD02C Datasheet HTML 11Page - SONiX Technology Company SNAD02C Datasheet HTML 12Page - SONiX Technology Company SNAD02C Datasheet HTML 13Page - SONiX Technology Company SNAD02C Datasheet HTML 14Page - SONiX Technology Company SNAD02C Datasheet HTML 15Page - SONiX Technology Company SNAD02C Datasheet HTML 16Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
SNAD02C
8-CHANNEL 10-BIT ADC
If the internal bandgap reference is turned ON (RF=1), the reference voltage “VREF” of ADC is
from the internal bandgap reference circuit. This internal voltage reference circuit consumes
around 300
µA, and the output voltage of bandgap reference is around 1.17V typically.
If RF is turned off (RF=0), the MB is turned on (MB=1), the reference voltage is from “REF” pin.
Otherwise, the reference voltage source is comes from internal bandgap if RF=1 & MB=0.
6.8. Input Channel PAD (Channel 0~6)
VDD
VSS
ENCH[x]
to ADC
DI[x]
CH[x]
ENCH[x]
Pull-high resistor
Pull-low resistor
ENCH[x]: 1: Analog In / 0: Digital In
PH&ENCH[x]
PL&ENCH[x]
Figure-11 Circuit diagram of the Input Channel PAD
(1) If any channel is programmed to be analog input mode, then the corresponding internal
signal, ENCH[x]=1. As in Figure-11, pull-high and pull-low are disabled. And the path to
digital input is blocked. All digital reading operation of this channel will get the result “0”.
(2) If any channel is programmed to digital input mode, then the corresponding internal signal,
ENCH[x]=0. As in Figure-11, the path to ADC is removed.
(3) While in digital input mode, this input port can be configured to be floating, weak pull-up, or
pull-down by setting the control register PH and PL, where PH&PL=1 is forbidden. The
pull-up or pull-low resister are both around 500K
Ω@3v.
(4) The default status (digital/analog, pull up/down) of all the channels are un-know after power
on, so initialize each channel to define a correct state should be done after power on.
(5) Mode of each channel (ENCH[x]) can be set by command 001.
Version: 1.3
July 31, 2003
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com