Electronic Components Datasheet Search
  English  ▼

X  

SNAD02C Datasheet(PDF) 10 Page - SONiX Technology Company

Part # SNAD02C
Description  8-CHANNEL 10-BIT ADC?
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNAD02C Datasheet(HTML) 10 Page - SONiX Technology Company

Back Button SNAD02C Datasheet HTML 6Page - SONiX Technology Company SNAD02C Datasheet HTML 7Page - SONiX Technology Company SNAD02C Datasheet HTML 8Page - SONiX Technology Company SNAD02C Datasheet HTML 9Page - SONiX Technology Company SNAD02C Datasheet HTML 10Page - SONiX Technology Company SNAD02C Datasheet HTML 11Page - SONiX Technology Company SNAD02C Datasheet HTML 12Page - SONiX Technology Company SNAD02C Datasheet HTML 13Page - SONiX Technology Company SNAD02C Datasheet HTML 14Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
SNAD02C
8-CHANNEL 10-BIT ADC
(1) Command ID: (101).
(2) The digital data of each channel is sent to the DIO port with the sequence of channel 7 to 0.
(3) After all of the channels are read, if the START is kept in LOW and CLK is kept in HIGH/LOW
transition, the digital data of each channel is sent to the DIO port again with the sequence of
channel 7 to 0 cyclically.
(4) Pulling START to HIGH to terminates this digital input reading.
Note: Once a channel is programmed as analog type, the corresponding data is “0” in digital input
reading command.
6.6. Power Down & Channel Wake-Up
00
0
11
1
SNAD01 enters into
power-down mode
START
CLK
DIO
DIO
Figure-8 The timing diagram of power down command
START
CLK
CH n
CH n
DIO
DIO
Wake-Up
Host CPU
HiZ
HiZ
Wake-Up
Procedure Ending
Figure-9 The timing diagram of power down command
Version: 1.3
July 31, 2003
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com