Electronic Components Datasheet Search
  English  ▼

X  

OPA365AMDBVTEP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA365AMDBVTEP
Description  50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA365AMDBVTEP Datasheet(HTML) 3 Page - Texas Instruments

  OPA365AMDBVTEP Datasheet HTML 1Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 2Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 3Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 4Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 5Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 6Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 7Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 8Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
OPA365-EP
www.ti.com
SLOS735
– AUGUST 2011
ELECTRICAL CHARACTERISTICS
VS = 2.2 V to 5.5 V, RL = 10 kΩ connected to VS/2, VCM = VS/2, and VOUT = VS/2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
(1)
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
25
°C
100
200
VOS
Input offset voltage
µV
Full range
450
dVOS/
Input offset voltage drift
Full range
3
µV/°C
dT
Input offset voltage vs
PSRR
VS = +2.2V to +5.5V
Full range
10
100
µV/V
power supply
INPUT BIAS CURRENT
25
°C
±0.2
±10
pA
IB
Input bias current
Full range
See Typical Characteristics
IOS
Input offset current
25
°C
±0.2
±10
pA
NOISE
en
Input voltage noise
f = 0.1Hz to 10Hz
25
°C
5
µVPP
en
Input voltage noise density
f = 100kHz
25
°C
4.5
nV/
√Hz
in
Input current noise density
f = 10kHz
25
°C
4
fA/
√Hz
INPUT VOLTAGE RANGE
Common-mode voltage
(V-)
–
(V+) +
VCM
Full range
V
range
0.1
0.1
Common-mode rejection
CMRR
(V-)
– 0.1V ≤ VCM ≤ (V+) + 0.1V
Full range
96.5
120
dB
ratio
INPUT CAPACITANCE
Differential
25
°C
6
pF
Common-mode
25
°C
2
pF
OPEN-LOOP GAIN
RL = 10kΩ, 100mV < VO < (V+) – 100mV
Full range
96.5
120
AOL
Open-loop voltage gain
RL = 600Ω, 200mV < VO < (V+) – 200mV
25
°C
100
120
dB
RL = 600Ω, 200mV < VO < (V+) – 200mV
Full range
91
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
25
°C
50
MHz
SR
Slew rate
VS = 5V, G = +1
25
°C
25
V/
µs
0.1%, VS = 5V, 4V Step, G = +1
25
°C
200
tS
Settling time
ns
0.01%, VS = 5V, 4V Step, G = +1
25
°C
300
Overload recovery time
VS = 5V, VIN x Gain > VS
25
°C
< 0.1
µs
Total harmonic distortion +
VS = 5V, RL = 600Ω, VO = 4VPP,
THD+N
25
°C
0.0004
%
noise(2)
G = +1, f = 1kHz
OUTPUT
Voltage output swing from
RL = 10kΩ, VS = 5.5V
Full range
10
20
mV
rail
ISC
Short-circuit current(3)
25
°C
±65
mA
CL
Capacitive load drive
25
°C
See Typical Characteristics
Open-loop output
f = 1MHz, IO = 0
25
°C
30
Ω
impedance
POWER SUPPLY
VS
Specified voltage range
Full range
2.2
5.5
V
IO = 0
25
°C
4.6
5
Quiescent current per
IQ
mA
amplifier
Full range
5.5
(1)
Full range TA = −55°C to +125°C
(2)
Third-order filter, bandwidth 80kHz at
−3dB.
(3)
Continuous output current greater than 20 mA for extended periods may affect product reliability.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): OPA365-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com