Electronic Components Datasheet Search
  English  ▼

X  

OPA365AMDBVTEP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA365AMDBVTEP
Description  50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA365AMDBVTEP Datasheet(HTML) 1 Page - Texas Instruments

  OPA365AMDBVTEP Datasheet HTML 1Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 2Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 3Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 4Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 5Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 6Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 7Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 8Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
2
3
5
4
V+
–IN
+IN
V–
V
OUT
DBV PACKAGE
(TOP VIEW)
V
IN
V
OUT
C
2
2.2pF
R
2
2k
Ω
SD1
BAT17
C
1
10nF
R
1
7.5
Ω
V
−
V+
U1
U2
V
−
V+
OPA365
OPA365
OPA365-EP
www.ti.com
SLOS735
– AUGUST 2011
50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
Check for Samples: OPA365-EP
1
FEATURES
SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
•
Gain Bandwidth: 50 MHz
•
Controlled Baseline
•
Zero-Crossover Distortion Topology
•
One Assembly/Test Site
– Excellent THD+N: 0.0004%
•
One Fabrication Site
– CMRR: 96.5 dB (Min)
•
Available in Military (
–55°C/125°C),
– Rail-to-Rail Input and Output
Temperature Range(1)
– Input 100 mV Beyond Supply Rail
•
Extended Product Life Cycle
•
Low Noise: 4.5 nV/
√Hz at 100 kHz
•
Extended Product-Change Notification
•
Slew Rate: 25 V/
µs
•
Product Traceability
•
Fast Settling: 0.3
µs to 0.01%
•
Precision
– Low Offset: 100 µV
(Typical at 25
°C)
– Low Input Bias Current: 0.2 pA
(Typical at 25
°C)
•
2.2-V to 5.5-V Operation
(1)
Additional temperature ranges available - contact factory
DESCRIPTION
The OPA365 zero-crossover series, rail-to-rail, high-performance, CMOS operational amplifier is optimized for
very low voltage, single-supply applications. Rail-to-rail input/output, low-noise (4.5 nV/
√Hz) and high-speed
operation (50-MHz gain bandwidth) make this device ideal for driving sampling analog-to-digital converters
(ADCs). The OPA365 supports audio, signal conditioning, sensor amplification, defense, aerospace and medical
applications. The OPA365 is also well-suited for cell phone power amplifier control loops.
Special features include an excellent common-mode rejection ratio (CMRR), no input stage crossover distortion,
high input impedance, and rail-to-rail input and output swing. The input common-mode range includes both the
negative and positive supplies. The output voltage swing is within 10mV of the rails.
The OPA365 is available in the SOT23-5 package and is specified for operation from
−55°C to 125°C.
Figure 1. Fast Settling Peak Detector
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA365AMDBVTEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA365AID TI1-OPA365AID Datasheet
692Kb / 24P
50MHz, Low-Distortion, High CMRR, RRI/O, Single-Supply OPERATIONAL AMPLIFIER
JUNE 2009
OPA365AID TI1-OPA365AID Datasheet
1Mb / 32P
Contains all support circuitry needed
logo
Burr-Brown (TI)
OPA365AIDBVR BURR-BROWN-OPA365AIDBVR Datasheet
292Kb / 16P
2.2V, 50MHz, Low-Noise, Single-Supply Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA365AIDBVR TI1-OPA365AIDBVR Datasheet
692Kb / 24P
50MHz, Low-Distortion, High CMRR, RRI/O, Single-Supply OPERATIONAL AMPLIFIER
JUNE 2009
OPA365AIDBVR TI1-OPA365AIDBVR Datasheet
571Kb / 21P
LOG114EVM User Guide
More results

Similar Description - OPA365AMDBVTEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA363 TI-OPA363 Datasheet
728Kb / 27P
1.8V, 7MHz, 90dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA365 TI1-OPA365 Datasheet
692Kb / 24P
50MHz, Low-Distortion, High CMRR, RRI/O, Single-Supply OPERATIONAL AMPLIFIER
JUNE 2009
OPA2365-Q1 TI1-OPA2365-Q1 Datasheet
886Kb / 26P
50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA4364-Q1 TI1-OPA4364-Q1 Datasheet
590Kb / 21P
1.8-V, 7-MHz, 90-dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA364AIDBVRG4 TI-OPA364AIDBVRG4 Datasheet
1Mb / 37P
Single-Supply, Rail-to-Rail I/O Operational Amplifier
OPA364IDBVRG4 TI-OPA364IDBVRG4 Datasheet
1Mb / 38P
1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
logo
SG Micro Corp
SGM8041 SGMICRO-SGM8041 Datasheet
302Kb / 11P
Single Rail-to-Rail I/O Operational Amplifier
SGM8581 SGMICRO-SGM8581 Datasheet
455Kb / 13P
single Rail-to-Rail I/O Precision Operational Amplifier
logo
Texas Instruments
OPA365-EP TI-OPA365-EP_15 Datasheet
998Kb / 22P
50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA365-Q1 TI-OPA365-Q1_15 Datasheet
1,023Kb / 26P
50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com