Electronic Components Datasheet Search
  English  ▼

X  

OPA365AMDBVTEP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA365AMDBVTEP
Description  50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA365AMDBVTEP Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA365AMDBVTEP Datasheet HTML 2Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 3Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 4Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 5Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 6Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 7Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 8Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 9Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
OPA365 OUTPUT VOLTAGE vs OUTPUT CURRENT
3
2
1
0
–1
–2
–3
10
0
100
20
30
40
50
60
70
80
90
+25°C
−55°C
+125°C
+25°C
V
S = ±1.1V
V
S = ±2.75V
Output Current (mA)
−40°C −55°C
+125°C
−40°C
SHORT−CIRCUIT CURRENT vs TEMPERATURE
70
60
50
40
30
20
10
0
−10
−20
−30
−40
−50
−60
−70
−80
−25
−50
Temperature (°C)
125
0
25
50
75
100
V
S = ± 2.75V
S
QUIESCENT CURRENT vs SUPPLY VOLTAGE
4.75
4.50
4.25
4.00
3.75
2.5
2.2
Supply Voltage (V)
5.5
3.0
3.5
4.0
4.5
5.0
QUIESCENT CURRENT vs TEMPERATURE
4.74
4.68
4.62
4.56
4.50
4.80
–25
–50
0
25
50
75
100
125
Temperature (
)
°C
0.1Hz to 10Hz
INPUT VOLTAGE NOISE
1s/div
TOTAL HARMONIC DISTORTION + NOISE
vs FREQUENCY
0.01
0.001
0.0001
10k
1k
100
10
Frequency (Hz)
20k
G = 10, R
L = 600Ω
V
O = 1VRMS
V
O = 1VRMS
V
O = 1.448VRMS
G = +1, R
L = 600Ω
OPA365-EP
SLOS735
– AUGUST 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
TA = 25°C, VS = 5 V, CL = 0 pF (unless otherwise noted)
6
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): OPA365-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com