Electronic Components Datasheet Search
  English  ▼

X  

OPA365AMDBVTEP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA365AMDBVTEP
Description  50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA365AMDBVTEP Datasheet(HTML) 4 Page - Texas Instruments

  OPA365AMDBVTEP Datasheet HTML 1Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 2Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 3Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 4Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 5Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 6Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 7Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 8Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
OPA365-EP
SLOS735
– AUGUST 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
VS = 2.2 V to 5.5 V, RL = 10 kΩ connected to VS/2, VCM = VS/2, and VOUT = VS/2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
(1)
MIN
TYP
MAX
UNIT
TEMPERATURE RANGE
Specified range
–55
125
°C
θJA
Thermal resistance
200
°C/W
4
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): OPA365-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com