Electronic Components Datasheet Search
  English  ▼

X  

OPA365AMDBVTEP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA365AMDBVTEP
Description  50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA365AMDBVTEP Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA365AMDBVTEP Datasheet HTML 8Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 9Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 10Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 11Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 12Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 13Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 14Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 15Page - Texas Instruments OPA365AMDBVTEP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
V
OUT
RP = 10 kΩ
500µA
OPA365
V
IN
V+=+5V
Op Amp
Negative
Supply
Grounded
−V = −5V
(Additional
Negative Supply)
OPA365-EP
SLOS735
– AUGUST 2011
www.ti.com
Achieving an Output Level of Zero Volts (0V)
Certain single-supply applications require the op amp output to swing from 0 V to a positive full-scale voltage and
have high accuracy. An example is an op amp employed to drive a single-supply ADC having an input range
from 0 V to 5 V. Rail-to-rail output amplifiers with very light output loading may achieve an output level within
millivolts of 0 V (or +VS at the high end), but not 0 V. Furthermore, the deviation from 0V only becomes greater
as the load current required increases. This increased deviation is a result of limitations of the CMOS output
stage.
When a pulldown resistor is connected from the amplifier output to a negative voltage source, the OPA365 can
achieve an output level of 0 V, and even a few millivolts below 0 V. Below this limit, nonlinearity and limiting
conditions become evident. Figure 8 illustrates a circuit using this technique.
Figure 8. Swing-to-Ground
A pulldown current of approximately 500
µA is required when OPA365 is connected as a unity-gain buffer. A
practical termination voltage (VNEG) is −5 V, but other convenient negative voltages also may be used. The
pulldown resistor RL is calculated from RL = [(VO −VNEG)/(500 µA)]. Using a minimum output voltage (VO) of 0 V,
RL = [0 V−(−5 V)]/(500 µA)] = 10 kΩ. Keep in mind that lower termination voltages result in smaller pulldown
resistors that load the output during positive output voltage excursions.
Note that this technique does not work with all op amps and should only be applied to op amps such as the
OPA365 that have been specifically designed to operate in this manner. Also, operating the OPA365 output at
0 V changes the output stage operating conditions, resulting in somewhat lower open-loop gain and bandwidth.
Keep these precautions in mind when driving a capacitive load because these conditions can affect circuit
transient response and stability.
12
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): OPA365-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com