Electronic Components Datasheet Search
  English  ▼

X  

PTH08T255WAS Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T255WAS
Description  40-A, 8-V to 14-V INPUT, 3-V to 5.25-V OUTPUT, NON-ISOLATED, ADJUSTABLE POWER MODULE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTH08T255WAS Datasheet(HTML) 19 Page - Texas Instruments

Back Button PTH08T255WAS Datasheet HTML 15Page - Texas Instruments PTH08T255WAS Datasheet HTML 16Page - Texas Instruments PTH08T255WAS Datasheet HTML 17Page - Texas Instruments PTH08T255WAS Datasheet HTML 18Page - Texas Instruments PTH08T255WAS Datasheet HTML 19Page - Texas Instruments PTH08T255WAS Datasheet HTML 20Page - Texas Instruments PTH08T255WAS Datasheet HTML 21Page - Texas Instruments PTH08T255WAS Datasheet HTML 22Page - Texas Instruments PTH08T255WAS Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
Smart Sync
GND
PTH08T250W
Track
C
I1
+
UDG-08149
V
I
Sync
TurboTrans
+Sense
V
O
-Sense
+
GND
C
O1
PRE
GND
Q
Q
CLK
CLK
D
V
CC
GND
PTH08T240W
Track
C
I2
+
V
I
Sync
TurboTrans
+Sense
R
SET2
V
O
Adj
V
O
-Sense
+
GND
C
O2
0°
180°
V
O2
f
CLK
= 2 x f
MOD
SN74LVC2G74
V
I
= 5 V
V
O1
R
SET1
V
O
Adj
AGND
PTH08T255W
www.ti.com ........................................................................................................................................................................................... SLTS290 – NOVEMBER 2008
The overtemperature protection is a last resort mechanism to prevent thermal stress to the regulator.
Operation at or close to the thermal shutdown temperature is not recommended and reduces the long-term
reliability of the module. Always operate the regulator within the specified safe operating area (SOA) limits for
the worst-case conditions of ambient temperature and airflow.
Smart Sync is a feature that allows multiple power modules to be synchronized to a common frequency. When
not used, this pin must be connect to GND. Driving the Smart Sync pins with an external oscillator set to the
desired frequency, synchronizes all connected modules to the selected frequency. The synchronization
frequency can be higher or lower than the nominal switching frequency of the modules within the range of
240 kHz to 400 kHz.
Synchronizing modules powered from the same bus eliminates beat frequencies reflected back to the input
supply, and also reduces EMI filtering requirements. Eliminating the low beat frequencies (usually<10kHz) allows
the EMI filter to be designed to attenuate only the synchronization frequency. Power modules can also be
synchronized out of phase to minimize ripple current and reduce input capacitance requirements.
The PTH08T255W requires that the external synchronization frequency be present before a valid input voltage is
present or before release of the inhibit control.
Figure 14 shows a typical circuit with two modules synchronized 180° out of phase using a D flip-flop.
Figure 14. Typical Smart Sync Schematic
Copyright © 2008, Texas Instruments Incorporated
19
Product Folder Link(s): PTH08T255W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com