Electronic Components Datasheet Search
  English  ▼

X  

PTH08T255WAS Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T255WAS
Description  40-A, 8-V to 14-V INPUT, 3-V to 5.25-V OUTPUT, NON-ISOLATED, ADJUSTABLE POWER MODULE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTH08T255WAS Datasheet(HTML) 15 Page - Texas Instruments

Back Button PTH08T255WAS Datasheet HTML 11Page - Texas Instruments PTH08T255WAS Datasheet HTML 12Page - Texas Instruments PTH08T255WAS Datasheet HTML 13Page - Texas Instruments PTH08T255WAS Datasheet HTML 14Page - Texas Instruments PTH08T255WAS Datasheet HTML 15Page - Texas Instruments PTH08T255WAS Datasheet HTML 16Page - Texas Instruments PTH08T255WAS Datasheet HTML 17Page - Texas Instruments PTH08T255WAS Datasheet HTML 18Page - Texas Instruments PTH08T255WAS Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
PTH08T255W Type C Capacitors
C – Capacitance – mF
2
1
4
8
3
With TurboTrans
With TurboTrans
Without TurboTrans
Without TurboTrans
6
5
7
(
)
(
)
O
TT
O
1
C
4700
R
40
(k
)
5
C
4700
1
-
=
´
W
´
-
(3)
PTH08T255W
www.ti.com ........................................................................................................................................................................................... SLTS290 – NOVEMBER 2008
12-V INPUT
Figure 8. Capacitor Type C,
5000 < C(
µF)×ESR(mΩ) ≤ 10,000(e.g. OS-CON)
Table 5. Type C TurboTrans CO Values and Required RTT Selection Table
Transient Voltage Deviation (mV)
12 Volt Input
25% load step
50% load step
75% load step
CO
RTT
(10 A)
(20 A)
(30 A)
Minimum Required Output
Required TurboTrans
Capacitance (
µF)
Resistor (k
Ω)
65
130
195
1000
open
60
120
180
1050
280
50
100
150
1300
75.0
40
80
120
1700
31.6
30
60
90
2400
12.4
25
50
75
3000
6.49
20
40
60
3950
2.00
15
30
45
8000
short
RTT Resistor Selection
The TurboTrans resistor value, RTT can be determined from the TurboTrans programming Equation 3.
Where CO is the total output capacitance in µF. CO values greater than or equal to 4700 µF require RTT to be a
short,
0
Ω.
(Equation
3
results
in
a
negative
value
for
RTT
when
CO
>
4700
µF).
To ensure stability, a minimum amount of output capacitance is required for a given RTT resistor value. The value
of RTT must be calculated using the minimum required output capacitance determined from Figure 8.
Copyright © 2008, Texas Instruments Incorporated
15
Product Folder Link(s): PTH08T255W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com