Electronic Components Datasheet Search
  English  ▼

X  

PTH08T255WAS Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T255WAS
Description  40-A, 8-V to 14-V INPUT, 3-V to 5.25-V OUTPUT, NON-ISOLATED, ADJUSTABLE POWER MODULE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTH08T255WAS Datasheet(HTML) 24 Page - Texas Instruments

Back Button PTH08T255WAS Datasheet HTML 20Page - Texas Instruments PTH08T255WAS Datasheet HTML 21Page - Texas Instruments PTH08T255WAS Datasheet HTML 22Page - Texas Instruments PTH08T255WAS Datasheet HTML 23Page - Texas Instruments PTH08T255WAS Datasheet HTML 24Page - Texas Instruments PTH08T255WAS Datasheet HTML 25Page - Texas Instruments PTH08T255WAS Datasheet HTML 26Page - Texas Instruments PTH08T255WAS Datasheet HTML 27Page - Texas Instruments PTH08T255WAS Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
CURRENT SHARING
CURRENT SHARING DIAGRAM
C
O1
1000 mF
+Sense
V
O
UDG-08152
+Sense
V
O
-Sense
10
17
11
16
V
O
V
O
Adj
4
18
AGND
R
SET
1%
0.05 W
3
5
CLKIO
Comp
1
2
Share
Config
GND
13
12
9
8
GND GND GND
PTH08T255W
(Master)
22
21
6
7
14
15
20
SmartSync
INH/UVLO
V
I
V
I
V
I
V
I
Track
19
TT
C
I1
1000 mF
+
+Sense
V
O
-Sense
10
17
11
16
V
O
V
O
Adj
4
18
AGND
3
5
CLKIO
Comp
1
2
Share
Config
GND
13
12
9
8
GND GND GND
PTH08T255W
(Slave)
22
21
6
7
14
15
20
SmartSync
INH/UVLO
V
I
V
I
V
I
V
I
Track
19
TT
R
TT
L
O
A
D
C
O2
1000 mF
C
I2
1000 mF
GND
V
I
-Sense
GND
+
+
+
PTH08T255W
SLTS290 – NOVEMBER 2008 ........................................................................................................................................................................................... www.ti.com
The PTH08T255W module is capable of being configured in parallel with another PTH08T255W module to share
load current. To parallel the two modules, it is necessary to configure one module as the Master and one module
as the Slave. To configure a module as the Master, connect the CONFIG pin (pin 1) to GND. The CONFIG pin of
the Slave must be connected to VI. In order to share current, pins 2 thru 5 of both the Master and Slave must be
connected between the two modules. See Figure 22 for the recommended layout of pins 2 thru 5. The module
that is configured as the MASTER is used to control all of the functions of the two modules including Inhibit
ON/OFF control, AutoTrack sequencing, TurboTrans, SmartSync, +/- Remote Sense, and Output Voltage Adjust.
See the current sharing diagram in Figure 19 for connections. The MASTER and the SLAVE must be powered
from the same input voltage supply.
See Figure 19 and Table 7 for a diagram and connection description of each pin when two PTH08T255W
modules are being used in a MASTER/SLAVE configuration.
Figure 19. Typical Current Sharing Diagram
24
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PTH08T255W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com