Electronic Components Datasheet Search
  English  ▼

X  

PTH08T255WAS Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T255WAS
Description  40-A, 8-V to 14-V INPUT, 3-V to 5.25-V OUTPUT, NON-ISOLATED, ADJUSTABLE POWER MODULE
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTH08T255WAS Datasheet(HTML) 23 Page - Texas Instruments

Back Button PTH08T255WAS Datasheet HTML 19Page - Texas Instruments PTH08T255WAS Datasheet HTML 20Page - Texas Instruments PTH08T255WAS Datasheet HTML 21Page - Texas Instruments PTH08T255WAS Datasheet HTML 22Page - Texas Instruments PTH08T255WAS Datasheet HTML 23Page - Texas Instruments PTH08T255WAS Datasheet HTML 24Page - Texas Instruments PTH08T255WAS Datasheet HTML 25Page - Texas Instruments PTH08T255WAS Datasheet HTML 26Page - Texas Instruments PTH08T255WAS Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
ADJUSTING THE UNDERVOLTAGE LOCKOUT (UVLO)
UVLO
THD
250
R
(k
)
V
7.3
=
W
-
(4)
V
I
GND
PTH08T255W
6
7
8
9
12
13
GND
GND
GND
C
I
+
UDG-08151
14
15
V
I
V
I
V
I
GND
V
I
21
Inhibit/UVLO
R
UVLO
PTH08T255W
www.ti.com ........................................................................................................................................................................................... SLTS290 – NOVEMBER 2008
The PTH08T255W power modules incorporate an input undervoltage lockout (UVLO). The UVLO feature
prevents the operation of the module until there is sufficient input voltage to produce a valid output voltage. This
enables the module to provide a clean, monotonic powerup for the load circuit, and also limits the magnitude of
current drawn from the regulator’s input source during the power-up sequence.
The UVLO characteristic is defined by the ON threshold (VTHD) voltage. Below the ON threshold, the Inhibit
control is overridden, and the module does not produce an output. The hysteresis voltage, which is the difference
between the ON and OFF threshold voltages, is set at 500 mV. The hysteresis prevents start-up oscillations,
which can occur if the input voltage droops slightly when the module begins drawing current from the input
source.
The UVLO feature of the PTH08T255W module allows for limited adjustment of the ON threshold voltage. The
adjustment is made via the Inhbit/UVLO Prog control pin (pin 11) using a single resistor (see Figure 18). When
pin 11 is left open circuit, the ON threshold voltage is internally set to its default value, which is 7.2 volts. The ON
threshold might need to be raised if the module is powered from a tightly regulated 12-V bus. Adjusting the
threshold prevents the module from operating if the input bus fails to completely rise to its specified regulation
voltage.
Equation 4 determines the value of RUVLO required to adjust VTHD to a new value. The default value is 7.2 V, and
it may only be adjusted to a higher value.
Table 6 lists the standard resistor values for RUVLO for different values of the on-threshold (VTHD) voltage.
Table 6. Standard RUVLO values for Various VTHD values
VTHD (V)
8.0
8.5
9.0
9.5
10.0
10.5
11.0
RUVLO (kΩ)
357
210
147
113
93.1
78.7
68.1
Figure 18. Undervoltage Lockout Adjustment Resistor Placement
Copyright © 2008, Texas Instruments Incorporated
23
Product Folder Link(s): PTH08T255W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com