Electronic Components Datasheet Search
  English  ▼

X  

TMDS461 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS461
Description  1080p ??Deep Color 4-to-1 HDMI/DVI Switch with Adaptive Equalization
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS461 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMDS461 Datasheet HTML 17Page - Texas Instruments TMDS461 Datasheet HTML 18Page - Texas Instruments TMDS461 Datasheet HTML 19Page - Texas Instruments TMDS461 Datasheet HTML 20Page - Texas Instruments TMDS461 Datasheet HTML 21Page - Texas Instruments TMDS461 Datasheet HTML 22Page - Texas Instruments TMDS461 Datasheet HTML 23Page - Texas Instruments TMDS461 Datasheet HTML 24Page - Texas Instruments TMDS461 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
VCC
50 W
D+
D-
VD+ VID
Y
Z
VY
VZ
50 W
VD-
2
V
=V
-V
V
=(V
+V )
ID
D+
D-
ICM
D+
D-
2
V
=V -V
V
=(V +V )
OD
Y
Z
OC
Y
Z
0.5pF
50 W
50 W
AVCC
TMDS461
www.ti.com ............................................................................................................................................................................................... SLLS915 – JANUARY 2009
SWITCHING CHARACTERISTICS (continued)
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
tJITC(PP)
Peak-to-peak output residual clock jitter
AVCC = 3.3 V, RT = 50 Ω, input TMDS clock
10
35
ps
frequency = 225 MHz. See Figure 18 for
measurement setup; residual jitter is the total
jitter measured at TTP4 minus the jitter
measured at TTP1. See Figure 19 for the loss
profile of the cable used for tJITC(PP)
measurement.
tCLK1
Valid clock-detect enable time
AVCC = 3.3 V, RT = 50 Ω, input TMDS clock
300
500
ns
frequency = 300 MHz. See Figure 17.
tCLK2
Invalid clock-detect disable time
AVCC = 3.3 V, RT = 50 Ω, input TMDS clock
500
800
ns
frequency = 1 MHz. See Figure 17.
tSEL1
Port selection time (see (4)
AVCC = 3.3 V, RT = 50 Ω
300
500
ns
tSEL2
Port deselection time (see (5))
AVCC = 3.3 V, RT = 50 Ω
40
50
ns
fCD
Clock-detect frequency
AVCC = 3.3 V, RT = 50 Ω. See Figure 17.
25
300
MHz
(4)
tSEL1 includes the time for the valid clock detect enable time and tS1(HPD), because the tS1(HPD) event happens in parallel with tSEL1; thus,
the tSEL1 time is primarily the tCLK1 time.
(5)
tSEL2 is primarily the tS2(HPD) time.
Figure 13. TMDS Main Link Test Circuit
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s) :TMDS461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com