Electronic Components Datasheet Search
  English  ▼

X  

TMDS461 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS461
Description  1080p ??Deep Color 4-to-1 HDMI/DVI Switch with Adaptive Equalization
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS461 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMDS461 Datasheet HTML 8Page - Texas Instruments TMDS461 Datasheet HTML 9Page - Texas Instruments TMDS461 Datasheet HTML 10Page - Texas Instruments TMDS461 Datasheet HTML 11Page - Texas Instruments TMDS461 Datasheet HTML 12Page - Texas Instruments TMDS461 Datasheet HTML 13Page - Texas Instruments TMDS461 Datasheet HTML 14Page - Texas Instruments TMDS461 Datasheet HTML 15Page - Texas Instruments TMDS461 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
5 V_PWR[x]
5 V_Ind
5 V
2.5 V
VCC
t pd3(5V)
LP
HPD_SINK
HPD[x]: selectedport
t z(HPD)
5V_PWR[x]
5 V
5 V
2.5 V
2.5 V
(5V_PWR[x])/2
5 V
HPD_SINK
HPD_ [x]: SelectedPort
5 V_PWR
tpd1(HPD)
2.5 V
5 V_ PWR/2
5 V
5 V _ PWR[x]
HPD_ [x]: NonSelected
Port
5 V_PWR
tpd2(HPD)
2.5 V
5 V_PWR/2
t z(HPD)
VCC/2
(5V_PWR[x])/2
TMDS461
SLLS915 – JANUARY 2009 ............................................................................................................................................................................................... www.ti.com
Figure 2. HPD Timing Diagram #1
12
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TMDS461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com