Electronic Components Datasheet Search
  English  ▼

X  

TMDS461 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS461
Description  1080p ??Deep Color 4-to-1 HDMI/DVI Switch with Adaptive Equalization
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS461 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMDS461 Datasheet HTML 9Page - Texas Instruments TMDS461 Datasheet HTML 10Page - Texas Instruments TMDS461 Datasheet HTML 11Page - Texas Instruments TMDS461 Datasheet HTML 12Page - Texas Instruments TMDS461 Datasheet HTML 13Page - Texas Instruments TMDS461 Datasheet HTML 14Page - Texas Instruments TMDS461 Datasheet HTML 15Page - Texas Instruments TMDS461 Datasheet HTML 16Page - Texas Instruments TMDS461 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
S1
S2
5 V
HPD_SINK
HPD[3]
5 V_PWR3
PORT3 isnonselected
port
PORT3 isselectedport
PORT3 isnonselected
port
tS1(HPD)
tpd1( HPD)
tS2(HPD)
2.5V
2.5V
(5V_PWR3)/2
(5V_PWR3)/2
5 V
5 V
2.5V
(5V_PWR3)/2
IRQ
ELECTRICAL CHARACTERISTICS
TMDS461
www.ti.com ............................................................................................................................................................................................... SLLS915 – JANUARY 2009
Figure 3. HPD Timing Diagram #2
I2C mode: When TMDS461 is configured in I2C mode, the IRQ pin in TMDS461 functions as a system level
interrupt indicator pin. The TMDS461 issues Interrupt Requests by raising the IRQ pin from low to high, which
can be detected by the sink micro-controller. An Interrupt Request occurs when any system level change is
detected by TMDS461, which is a change in 5V_PWR on the source side, a change in the selected port, or a
change in the selected port's valid clock detect. The micro-controller can read I2C register address 0x01 to obtain
the current status of 5V_PWR, the selected port, and clock detect status. Once the micro-controller has read
0x01, the IRQ pin returns to low.
It is desired that as soon as the sink micro-controller gets an Interrupt Request, it reads I2C register address
0x01
GPIO mode: When TMDS461 is configured in GPIO mode, the IRQ pin in TMDS461 functions as a clock-detect
indicator pin for the selected port. If a valid clock is detected by the clock detect circuit, IRQ goes high. If no valid
clock is detected, IRQ is driven low. Refer to (TMDS Main Link Switching Characteristics) tCLK1 for valid clock
enable time and (TMDS Main Link Switching Characteristics) tCLK2 for valid clock disable time.
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH(IRQ)
High-level output voltage
IOH = 100 µA
2.4
VCC
V
VOL(IRQ)
Low-level output voltage
IOL = 100 µA
0
0.4
V
RL(IRQ)
Output source impedance
800
1000
1200
k
Ω
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s) :TMDS461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com