Electronic Components Datasheet Search
  English  ▼

X  

TMDS461 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS461
Description  1080p ??Deep Color 4-to-1 HDMI/DVI Switch with Adaptive Equalization
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS461 Datasheet(HTML) 3 Page - Texas Instruments

  TMDS461 Datasheet HTML 1Page - Texas Instruments TMDS461 Datasheet HTML 2Page - Texas Instruments TMDS461 Datasheet HTML 3Page - Texas Instruments TMDS461 Datasheet HTML 4Page - Texas Instruments TMDS461 Datasheet HTML 5Page - Texas Instruments TMDS461 Datasheet HTML 6Page - Texas Instruments TMDS461 Datasheet HTML 7Page - Texas Instruments TMDS461 Datasheet HTML 8Page - Texas Instruments TMDS461 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
FUNCTIONAL BLOCK DIAGRAM
HPD_SINK
4-to-1
MUX
LocalI2C
&
ControlLogic
Vcc
RINT
TMDSRx
w/ AEQ
ClockDetect
RINT
Vcc
RINT
TMDSRx
RINT
Vcc
RINT
TMDSRx
w/ AEQ
ClockDetect
R
INT
Vcc
RINT
TMDSRx
RINT
Dx+_1
Dx-_1
CLK+_1
CLK-_1
Dx+_4
Dx-_4
CLK+_4
CLK-_4
xx2
xx3
Rx
Tx
Rx
Tx
SCL1
SDA1
Rx
Tx
Rx
Tx
SCL4
SDA4
5V_PWR1
HPD1
1k
5V_PWR2
HPD2
1k
5V_PWR3
HPD3
1k
5V_PWR4
HPD4
1k
VSadj
Dx+_SINK
Dx-_SINK
CLK+_SINK
CLK-_SINK
TMDS Tx
TMDS Tx
Tx
Rx
Tx
Rx
SDA_SINK
SCL_SINK
IRQ
5V_Ind
LP
S1
S2
I2C_SEL
Local_SDA
Local_SCL
ClockDetect
OVS
TMDS461
www.ti.com ............................................................................................................................................................................................... SLLS915 – JANUARY 2009
• TMDS output edge-rate control: This feature adjusts the TMDS461 TMDS output rise and fall times. There
are four settings that can be chosen. The default setting is the fastest rise and fall time; the other three
settings are slower. Slower edge transitions can potentially help the sink system (HDTV) in passing regulatory
EMI compliance.
• Automatic Port Select Feature available in I2C mode
• 5V_PWR detect for each port connected, Hot Plug Detect (HPD) of non selected port follows 5V_PWR,
whereas HPD of selected port follows HPD_SINK.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :TMDS461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com