Electronic Components Datasheet Search
  English  ▼

X  

TMDS461 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS461
Description  1080p ??Deep Color 4-to-1 HDMI/DVI Switch with Adaptive Equalization
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS461 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMDS461 Datasheet HTML 4Page - Texas Instruments TMDS461 Datasheet HTML 5Page - Texas Instruments TMDS461 Datasheet HTML 6Page - Texas Instruments TMDS461 Datasheet HTML 7Page - Texas Instruments TMDS461 Datasheet HTML 8Page - Texas Instruments TMDS461 Datasheet HTML 9Page - Texas Instruments TMDS461 Datasheet HTML 10Page - Texas Instruments TMDS461 Datasheet HTML 11Page - Texas Instruments TMDS461 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
ABSOLUTE MAXIMUM RATINGS
TMDS461
SLLS915 – JANUARY 2009 ............................................................................................................................................................................................... www.ti.com
Table 2. Control Pin Lookup Table(1)
SIGNAL
LEVEL
STATE
DESCRIPTION
H
Normal Mode
Normal operational mode for device.
LP
Low-power
Device is forced into a low power state, causing the inputs and outputs to go to a
L
mode
high-impedance state. All other inputs are ignored.
S2
S1
L
L
Port 1
Port 1 is selected as the active port; all other ports are disabled.
S[2:1]
L
H
Port 2
Port 2 is selected as the active port; all other ports are disabled.
GPIO Mode
H
L
Port 3
Port 3 is selected as the active port; all other ports are disabled.
H
H
Port 4
Port 4 is selected as the active port; all other ports are disabled.
H
I2C
Device is configured by I2C logic.
I2C_SEL
L
GPIO
Device is configured by GPIO.
H
0101101
The 7-bit address for the local I2C logic is 0101101
Local_Addr
L
0101100
The 7-bit address for the local I2C logic is 0101100
H
Offset 1
DDC sink side VOL and VIL offset range 1, VIL1 (max) : 0.4V, VOL1 (max) : 0.7V
OVS
L
Offset 2
DDC sink side VOL and VIL offset range 2, VIL2 (max) : 0.4V, VOL2 (max) : 0.6V
Hi-Z
Offset 3
DDC sink side VOL and VIL offset range 3, VIL3 (max) : 0.3V, VOL3 (max) : 0.5V
Driver output voltage swing precision control to aid with system compliance. VSadj resistor
Compliant
VSadj
4.02 k
Ω
value could be selected to be
Voltage Swing
4.02 k
Ω ±10% based on the system requirement to pass HDMI compliance.
(1)
(H) Logic high; (L) Logic low
ORDERING INFORMATION(1)
PART NUMBER
PART MARKING
PACKAGE
TMDS461PZTR
TMDS461
100-pin TQFP reel
TMDS461PZT
TMDS461
100-pin TQFP tray
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
Supply voltage range(2)
VCC
–0.3 to 3.6
V
Voltage range
TMDS I/O
–0.3 to 4
HPD and DDC I/O
–0.3 to 5.5
V
Control and status I/O
–0.3 to 5.5
Electrostatic discharge
Human body model(3) on SCL[1:4], SDA[1:4], D[0:2]+_[1:4], D[0:2]–_[1:4],
±10,000
CLK+_[1:4], CLK–_[1:4] pins
Human body model(3) on all other pins
±6,000
V
Charged-device model(4)
±1500
Machine model(5)
±200
Continuous power dissipation
See Dissipation Ratings
table
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to network ground terminal.
(3)
Tested in accordance with JEDEC Standard 22, Test Method A114-B
(4)
Tested in accordance with JEDEC Standard 22, Test Method C101-A
(5)
Tested in accordance with JEDEC Standard 22, Test Method A115-A
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TMDS461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com