Electronic Components Datasheet Search
  English  ▼

X  

TMDS461 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS461
Description  1080p ??Deep Color 4-to-1 HDMI/DVI Switch with Adaptive Equalization
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS461 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMDS461 Datasheet HTML 35Page - Texas Instruments TMDS461 Datasheet HTML 36Page - Texas Instruments TMDS461 Datasheet HTML 37Page - Texas Instruments TMDS461 Datasheet HTML 38Page - Texas Instruments TMDS461 Datasheet HTML 39Page - Texas Instruments TMDS461 Datasheet HTML 40Page - Texas Instruments TMDS461 Datasheet HTML 41Page - Texas Instruments TMDS461 Datasheet HTML 42Page - Texas Instruments TMDS461 Datasheet HTML 43Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
TMDS461
www.ti.com ............................................................................................................................................................................................... SLLS915 – JANUARY 2009
Table 13. I2C Register 0x07 Lookup Table(1)
BIT
VALUE
STATE
DEFAULT
DESCRIPTION
7:6
0
RSVD
X
Reserved
5
1
Port Select
The selected port has changed since reading 0x01
Changed
0
Port Select
X
The selected port has not changed since reading 0x01
Unchanged
4
1
Clock-Detect
The selected port’s clock detect status has changed since reading 0x01
Changed
0
Clock-Detect
X
The selected port’s clock detect status has not changed since reading 0x01
Unchanged
3
1
Port 4
5V_PWR on Port 4 has changed since reading 0x01
5V_PWR
Changed
0
Port 4
X
5V_PWR on Port 4 has not changed since reading 0x01
5V_PWR
Unchanged
2
1
Port 3
5V_PWR on Port 3 has changed since reading 0x01
5V_PWR
Changed
0
Port 3
X
5V_PWR on Port 3 has not changed since reading 0x01
5V_PWR
Unchanged
1
1
Port 2
5V_PWR on Port 2 has changed since reading 0x01
5V_PWR
Changed
0
Port 2
X
5V_PWR on Port 2 has not changed since reading 0x01
5V_PWR
Unchanged
0
1
Port 1
5V_PWR on Port 1 has changed since reading 0x01
5V_PWR
Changed
0
Port 1
X
5V_PWR on Port 1 has not changed since reading 0x01
5V_PWR
Unchanged
(1)
I2C register 0x07 is Read Only. The register values get latched whenever a system-level interrupt occurs (IRQ goes high); and, the
register values are cleared when the IRQ gets cleared upon reading register 0x01. This I2C register can be used for debug purposes, if
needed. If register 0x01 is not read, then the latched values in register x07, will keep on updating based on any system level event.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s) :TMDS461



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com