Electronic Components Datasheet Search
  English  ▼

X  

SN65MLVD040 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD040
Description  4-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65MLVD040 Datasheet(HTML) 22 Page - Texas Instruments

Back Button SN65MLVD040 Datasheet HTML 18Page - Texas Instruments SN65MLVD040 Datasheet HTML 19Page - Texas Instruments SN65MLVD040 Datasheet HTML 20Page - Texas Instruments SN65MLVD040 Datasheet HTML 21Page - Texas Instruments SN65MLVD040 Datasheet HTML 22Page - Texas Instruments SN65MLVD040 Datasheet HTML 23Page - Texas Instruments SN65MLVD040 Datasheet HTML 24Page - Texas Instruments SN65MLVD040 Datasheet HTML 25Page - Texas Instruments SN65MLVD040 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
MainSystemClock
MLVD206
1Tx1Rx
NumberofModules
Modules1
ModulesN
Centralized-SynchronousMainSystemClockM-LVDSDifferentialBus
Data/ControlM-LVDSDifferentialBus#1~#15
80~100
R
W T
Source-SynchronousSubsystemClockM-LVDSDifferentialBus
M-LVDSBackplane
tsk(flight)BP
tsk(pp)DRVR
tsk(pp)RCVR
MLVD206
1Tx1Rx
MLVD206
1Tx1Rx
Timing
Process
Unit
Timing
Process
Unit
DataProcessUnit
ASIC/FPGA
uController
DataProcessUnit
ASIC/FPGA
uController
Subsystem
Clock
Subsystem
Clock
1DataWidth15
1DataWidth15
MLVD040(x2)
4Tx4Rx
MLVD040(x2)
4Tx4Rx
tsk(o)Source
80~100
R
W T
80~100
R
W T
80~100
R
W T
80~100
R
W T
80~100
R
W T
SN65MLVD040
SLLS902 – FEBRUARY 2010
www.ti.com
APPLICATION INFORMATION
Source Synchronous System Clock (SSSC)
There are two approaches to transmit data in a synchronous system: centralized synchronous system clock
(CSSC) and source synchronous system clock (SSSC). CSSC systems synchronize data transmission between
different modules using a clock signal from a centralized source. The key requirement for a CSSC system is for
data transmission and reception to complete during a single clock cycle. The maximum operating frequency is
the inverse of the shortest clock cycle for which valid data transmission and reception can be ensured. SSSC
systems achieve higher operating frequencies by sending clock and data signals together to eliminate the flight
time on the transmission media, backplane, or cables. In SSSC systems, the maximum operating frequency is
limited by the cumulated skews that can exist between clock and data. The absolute flight time of data on the
backplane does not provide a limitation on the operating frequency as it does with CSSC.
The SN65MLVD082 can be designed for interfacing the data and clock to support source synchronous system
clock (SSSC) operation. It is specified for transmitting data up to 250 Mbps and clock frequencies up to 125
MHz. Figure 35 shows an example of a SSSC architecture supported by M-LVDS transceivers. The
SN65MLVD206, a single channel transceiver, transmits the main system clock between modules. A retiming unit
is then applied to the main system clock to generate a local clock for subsystem synchronization processing.
System operating data (or control) and subsystem clock signals are generated from the data processing unit,
such as a microprocessor, FPGA, or ASIC, on module 1, and sent to slave modules through the SN65MLVD082.
Such design configurations are common while transmitting parallel control data over the backplane with a higher
SSSC subsystem clock frequency. The subsystem clock frequency is aligned with the operating frequencies of
the data processing unit to synchronize data transmission between different units.
Figure 35. Using Differential M-LVDS to Perform Source Synchronous System Clock Distribution
22
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :SN65MLVD040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com