Electronic Components Datasheet Search
  English  ▼

X  

SN65MLVD040 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD040
Description  4-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65MLVD040 Datasheet(HTML) 3 Page - Texas Instruments

  SN65MLVD040 Datasheet HTML 1Page - Texas Instruments SN65MLVD040 Datasheet HTML 2Page - Texas Instruments SN65MLVD040 Datasheet HTML 3Page - Texas Instruments SN65MLVD040 Datasheet HTML 4Page - Texas Instruments SN65MLVD040 Datasheet HTML 5Page - Texas Instruments SN65MLVD040 Datasheet HTML 6Page - Texas Instruments SN65MLVD040 Datasheet HTML 7Page - Texas Instruments SN65MLVD040 Datasheet HTML 8Page - Texas Instruments SN65MLVD040 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
1
3
4
5
6
7
8
9
10
11
12
2
25
26
27
28
29
30
31
32
33
34
35
36
1DE
VCC
2A
2B
2DE
GND
GND
3DE
3A
3B
VCC
4DE
1R
1D
GND
2R
2D
GND
PDN
3R
3D
GND
4R
4D
SN65MLVD040
www.ti.com
SLLS902 – FEBRUARY 2010
PIN ASSIGNMENTS
RGZ PACKAGE
(TOP VIEW)
Table 1. Device Function Tables
RECEIVER
DRIVER
RECEIVER
INPUTS(1)
OUTPUT(1)
INPUTS(1)
OUTPUTS(1)
TYPE
VID = VA – VB
PDN
FSEN
RE
R
D
DE
A
B
VID > 35 mV
H
L
L
Type 1
H
L
H
L
H
–35 mV
≤ VID ≤ 35 mV
H
L
L
Type 1
?
H
H
H
L
VID < 35 mV
H
L
L
Type 1
L
OPEN
H
L
H
X
OPEN
Z
Z
VID > 135 mV
H
H
L
Type 2
H
X
L
Z
Z
65 mV
≤ VID ≤ 135 mV
H
H
L
Type 2
?
VID < 65 mV
H
H
L
Type 2
L
Open Circuit
H
L
L
Type 1
?
Open Circuit
H
H
L
Type 2
L
X
H
X
H
X
Z
X
H
X
OPEN
X
Z
X
L
X
X
X
Z
(1)
H=high level, L=low level, Z=high impedance, X=Don’t care, ?=indeterminate
ORDERING INFORMATION
PART NUMBER
RECEIVER TYPE
PACKAGE MARKING
PACKAGE/CARRIER
SN65MLVD040RGZR
Type 1, 2
MLVD040
48-Pin QFN/ Tape and Reeled
SN65MLVD040RGZT
Type 1, 2
MLVD040
48-Pin QFN/Small Tape and Reeled
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :SN65MLVD040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com