Electronic Components Datasheet Search
  English  ▼

X  

SN65MLVD040 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD040
Description  4-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65MLVD040 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65MLVD040 Datasheet HTML 3Page - Texas Instruments SN65MLVD040 Datasheet HTML 4Page - Texas Instruments SN65MLVD040 Datasheet HTML 5Page - Texas Instruments SN65MLVD040 Datasheet HTML 6Page - Texas Instruments SN65MLVD040 Datasheet HTML 7Page - Texas Instruments SN65MLVD040 Datasheet HTML 8Page - Texas Instruments SN65MLVD040 Datasheet HTML 9Page - Texas Instruments SN65MLVD040 Datasheet HTML 10Page - Texas Instruments SN65MLVD040 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
SN65MLVD040
www.ti.com
SLLS902 – FEBRUARY 2010
DRIVER SWITCHING CHARACTERISTICS
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Propagation delay time,
tpLH
1.3
1.9
2.4
ns
low-to-high-level output
Propagation delay time,
tpHL
1.3
1.9
2.4
ns
high-to-low-level output
tr
Differential output signal rise time
0.9
2
ns
See Figure 5
tf
Differential output signal fall time
0.9
2.2
ns
tsk(o)
Output skew
200
ps
tsk(p)
Pulse skew (|tPHL – tPLH|)
150
ps
tsk(pp)
Part-to-part skew (2)
300
ps
Period jitter, rms (1 standard
tjit(per)
2
ps
All channels switching, 125 MHz
deviation)(3)
clock input(4), see Figure 8
tjit(c-c)
Cycle-to-cycle jitter, rms(3)
9
ps
tjit(det)
Deterministic jitter(3)
290
ps
All channels switching, 250 Mbps
215–1 PRBS input(4), see Figure 8
tjit(r)
Random jitter (3)
4
ps
Enable time,
tPZH
high-impedance-to-high-level
7
ns
output
Enable time,
tPZL
7
ns
high-impedance-to-low-level output
See Figure 6
Disable time,
tPHZ
high-level-to-high-impedance
7
ns
output
Disable time,
tPLZ
7
ns
low-level-to-high-impedance output
(1)
All typical values are at 25°C and with a 3.3-V supply voltage.
(2)
tsk(pp) is the magnitude of the time difference in propagation delay times between any specified terminals of two devices when both
devices operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
(3)
Jitter is ensured by design and characterization. Stimulus jitter has been subtracted from the numbers.
(4)
tr = tf = 0.5 ns (10% to 90%)
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) :SN65MLVD040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com