Electronic Components Datasheet Search
  English  ▼

X  

SN65MLVD040 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD040
Description  4-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65MLVD040 Datasheet(HTML) 5 Page - Texas Instruments

  SN65MLVD040 Datasheet HTML 1Page - Texas Instruments SN65MLVD040 Datasheet HTML 2Page - Texas Instruments SN65MLVD040 Datasheet HTML 3Page - Texas Instruments SN65MLVD040 Datasheet HTML 4Page - Texas Instruments SN65MLVD040 Datasheet HTML 5Page - Texas Instruments SN65MLVD040 Datasheet HTML 6Page - Texas Instruments SN65MLVD040 Datasheet HTML 7Page - Texas Instruments SN65MLVD040 Datasheet HTML 8Page - Texas Instruments SN65MLVD040 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
SN65MLVD040
www.ti.com
SLLS902 – FEBRUARY 2010
DEVICE ELECTRICAL CHARACTERISTICS
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
RE and DE at VCC, RL = 50 Ω, 125MHz, All
Driver only
76
others open
RE at VCC, DE at 0 V, RL = No Load,
Both disabled
10
125MHz, All others open
Supply
ICC
mA
REat 0 V, DE at VCC, RL = 50 Ω, CL = 15
current
Both enabled
pF, All others open, 125MHz, No external
165
RX stimulus
REat 0 V, DE at 0 V, CL = 15 pF, VID = 400
Receiver only
100
mV, 125 MHz, All others open
Power down
PDN = L
5
mA
(1)
All typical values are at 25°C and with a 3.3-V supply voltage.
DRIVER ELECTRICAL CHARACTERISTICS
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX
UNIT
|VAB|
Differential output voltage magnitude (A, B)
480
650
mV
Change in differential output voltage
See Figure 2
Δ|VAB|
magnitude
–50
50
mV
between logic states (A, B)
Steady-state common-mode output voltage
VOS(SS)
0.7
1.1
V
(A, B)
Change in steady-state common-mode
ΔVOS(SS)
See Figure 3
–50
50
mV
output voltage between logic states (A, B)
Peak-to-peak common-mode output voltage
VOS(PP)
150
mV
(A, B)
Maximum steady-state open-circuit output
VA(OC)
0
2.4
V
voltage (A, B)
See Figure 7
Maximum steady-state open-circuit output
VB(OC)
0
2.4
V
voltage (A, B)
Voltage overshoot, low-to-high level output
VP(H)
1.2 VSS
V
(A, B)
See Figure 5
Voltage overshoot, high-to-low level output
VP(L)
–0.2 VSS
V
(A, B)
IIH
High-level input current (D, DE)
VIH = 2 V to VCC
10
mA
IIL
Low-level input current (D, DE)
VIL = GND to 0.8 V
10
mA
Differential short-circuit output current
|IOS|
See Figure 4
24
mA
magnitude (A, B)
CI
Input capacitance (D, DE)
VI = 0.4 sin(30E6pt) + 0.5 V
(3)
5
pF
(1)
The algebraic convention, in which the least positive (most negative) limit is designated as minimum is used in this data sheet.
(2)
All typical values are at 25°C and with a 3.3-V supply voltage.
(3)
HP4194A impedance analyzer (or equivalent)
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :SN65MLVD040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com