Electronic Components Datasheet Search
  English  ▼

X  

TPS65166 Datasheet(PDF) 17 Page - Texas Instruments

Part # TPS65166
Description  Compact LCD Bias Supply for TFT-LCD TV Panels
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65166 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS65166 Datasheet HTML 13Page - Texas Instruments TPS65166 Datasheet HTML 14Page - Texas Instruments TPS65166 Datasheet HTML 15Page - Texas Instruments TPS65166 Datasheet HTML 16Page - Texas Instruments TPS65166 Datasheet HTML 17Page - Texas Instruments TPS65166 Datasheet HTML 18Page - Texas Instruments TPS65166 Datasheet HTML 19Page - Texas Instruments TPS65166 Datasheet HTML 20Page - Texas Instruments TPS65166 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
Start-Up Sequencing
EN2
Vlogic
VOFFE
EN1
VIN
VS
VONE
PG
VSS
GD
GDok
DLY1
DLY2
DLY2
DLY2<DLY1
DLY2>DLY1
PowerGoodfor
ScanDriveIC
Power Good Output
TPS65166
www.ti.com.......................................................................................................................................................................................... SLVS976 – SEPTEMBER 2009
The buck converter detects a short circuit if FB2 falls below 400 mV and the whole device except the buck
converter itself is shut down as if EN2 would be disabled. The switching frequency of the buck converter is
reduced to 1/4th of the normal operation frequency. If the short is removed the buck converter will start operation
again and the whole device auto recovers to normal operation by doing startup sequencing as if EN2 would be
enabled.
The negative buck boost converter VOFFE has a short circuit protection where the switch current is limited to
typically 300 mA and switching frequency is reduced to about 150 kHz. A short is detected if VOFFE rises above
-3 V.
The shunt regulator Vss has no short circuit protection.
The device has adjustable start-up sequencing to provide correct sequencing as required by the display.
Figure 23. Power Up Sequencing
EN1 enables the buck converter.
EN2 enables the negative buck boost converter VOFFE and Vss at the same time. DLY1 sets the delay time for the
boost converter Vs and DLY2 sets the delay time for VONE. VONE does not start until DLY1 is elapsed. For
simultaneous startup of Vs and VONE, DLY2 should be set to 0 by not connecting the DLY2 pin. Once VS and
VONE are in regulation, PG goes high impedance to enable the scan driver IC.
The power good output PG is an open drain output with typically 450
Ω resistance and requires a pull-up resistor
to the 3.3V rail. The power good goes high impedance when the Vs and VONE voltage rails are in regulation and
provides an enable signal for the external scan driver IC. Once power good is high impedance, the signal is
latched until Vs or VONE detect a short circuit.
The resulting maximum PG voltage if PG is low is dependent on R22 connection voltage (Vlogic) and R22 value.
To calculate maximum resulting PG voltage for power bad signal use following formula:
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): TPS65166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com