Electronic Components Datasheet Search
  English  ▼

X  

TPS65166 Datasheet(PDF) 30 Page - Texas Instruments

Part # TPS65166
Description  Compact LCD Bias Supply for TFT-LCD TV Panels
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65166 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TPS65166 Datasheet HTML 26Page - Texas Instruments TPS65166 Datasheet HTML 27Page - Texas Instruments TPS65166 Datasheet HTML 28Page - Texas Instruments TPS65166 Datasheet HTML 29Page - Texas Instruments TPS65166 Datasheet HTML 30Page - Texas Instruments TPS65166 Datasheet HTML 31Page - Texas Instruments TPS65166 Datasheet HTML 32Page - Texas Instruments TPS65166 Datasheet HTML 33Page - Texas Instruments TPS65166 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
Setting the Output Voltage and Selecting the Feed-Forward Capacitor (Positive Charge Pump)
out
FB4
R14
R14
V
= V
1+
= 1.24 V
1+
R15
R15
æ
ö
æ
ö
´
´
ç
÷
ç
÷
è
ø
è
ø
(35)
F B4
V
1.24V
R15 =
=
2.4 k
500
A
500
A
»
W
m
m
(36)
out
out
FB4
V
V
R14 = R15
1
= R 15
1
V
1.24 V
æ
ö
æ
ö
´
-
´
-
ç
÷
ç
÷
è
ø
è
ø
(37)
1
C17 =
2
12 kHz
R14
´ p ´
´
(38)
Base2
Control
Logic
FB4
Error Amplifier
CurrentLimit
&
Softstart
1.24 V
100 mV
Shortcircuit
Comparator
Shortcircuit
Mode
55 A
m
8 mA
PNP Transistor Selection (Positive Charge Pump)
ONE
ONE
D1
D2
Q
I
V
= 2
Vs + V
2
V
R
V
D
´
-
´
-
´
-
(39)
TPS65166
SLVS976 – SEPTEMBER 2009.......................................................................................................................................................................................... www.ti.com
To minimize noise a minimum current through the feedback divider of 500
µA is recommended. At startup the
device is in short circuit mode with reduced current (typ. 50
µA) until the feedback voltage FB4 exceeds 100 mV,
then the device switches to soft-start mode until the output voltage VONE is in regulation. Due to the high output
current and low required voltage drop, high current Schottky diodes with low forward voltage are recommended
for this regulator.
To minimize noise and leakage current sensitivity keep the lower feedback divider resistor R15 between 100
Ω
and 4.7k
Ω. See typical application section for charge pump circuit.
Across the upper feedback resistor R14, a bypass capacitor C17 is required. The capacitor is calculated as:
Figure 31. Positive Chargepump Block Diagram
The maximum possible VONE output voltage is calculated as:
With:
Vs = boost converter output voltage
VD1 = Forward voltage of boost converter Schottky diode
VD2 = Forward voltage of charge pump diode for a current of IONE / D
IONE = VONE output current
D = Duty cycle of boost converter (D = 1 – Vin / Vs)
R = Series resistor (if applicable, e.g., 2
Ω for typical application)
VQ = Transistor saturation voltage
As a general recommendation the VONE voltage level in use should be at least 0.5V lower than the calculated
maximum VONE voltage.
30
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS65166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com