Electronic Components Datasheet Search
  English  ▼

X  

TPS65166 Datasheet(PDF) 38 Page - Texas Instruments

Part # TPS65166
Description  Compact LCD Bias Supply for TFT-LCD TV Panels
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65166 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TPS65166 Datasheet HTML 33Page - Texas Instruments TPS65166 Datasheet HTML 34Page - Texas Instruments TPS65166 Datasheet HTML 35Page - Texas Instruments TPS65166 Datasheet HTML 36Page - Texas Instruments TPS65166 Datasheet HTML 37Page - Texas Instruments TPS65166 Datasheet HTML 38Page - Texas Instruments TPS65166 Datasheet HTML 39Page - Texas Instruments TPS65166 Datasheet HTML 40Page - Texas Instruments TPS65166 Datasheet HTML 41Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 38 / 41 page
background image
MaximumOutputCurrentV
=28V-3%
ONE
V
IN
V =15V
S
V
16V
S ³
10.8V
200mA
12.0V
180mA
13.2V
125mA
200mA
200mA
200mA
MaximumOutputCurrentV
=28V-3%
ONE
V
IN
V =15V
S
V
16V
S ³
10.8V
100mA
12.0V
75mA
13.2V
50mA
200mA
200mA
200mA
TPS65166
SLVS976 – SEPTEMBER 2009.......................................................................................................................................................................................... www.ti.com
Recommended charge pump circuits.
Figure 37. Typical Application VONE High Output Current
Figure 38. Typical Application VONE Low Output Current
38
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPS65166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com